Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USCD024TH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # USCD024TH
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

USCD024TH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  USCD024TH Datasheet HTML 1Page - Zowie Technology Corporation USCD024TH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(40V / 200mA)
USCD024TH
Unit : mm
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
V
IF(AV)
mA
IFSM
A
Tj
TSTG
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Junction temperature
Repetitive peak reverse voltage
Storage temperature range
Schottky Barrier Diode
*
Halogen-free type
* Compliance to RoHS product
*
Lead less chip form, no lead damage
* Low power loss, High efficiency
* High current capability, low VF
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* Switching mode power supply applications
* Portable equipment battery applications
* High frequency rectification
* DC / DC Converter
* Telecommunication
APPLICATION
* 3,000 pieces per 7" (178mm ± 2mm) reel
* 5 reels per box
* 6 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.003 gram
MECHANICAL DATA
OUTLINE DIMENSIONS
Topr
USCD024TH
40
2.0
125
-40 to +125
Rating
200
-40 to +125
Operating temperature range
oC
Electrical characteristics (Ta = 25
o
C)
VF
IF = 200mA
ITEM
Symbol
Conditions
Min.
Typ.
V
-
0.58
0.65
Max.
Unit
Forward voltage
oC/W
-
160
-
Rth(JA)
Junction to ambient
Thermal resistance
oC/W
-
110
-
Rth(JL)
Junction to lead
pF
-
35
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
-
0.5
IRRM
Repetitive peak reverse current
VR = @ 10V , Ta = 25
oC
2010/09
REV. 1
MARKING
Cathode mark
Amps class
Voltage class
Equivalent : SOD-523
0.35 ± 0.05
0.35 ± 0.05
1.6 ± 0.1
R 0.20
0.05
Halogen-free type
.
Case : 0603


Similar Part No. - USCD024TH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
USCD024 ZOWIE-USCD024 Datasheet
49Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
USCD024H ZOWIE-USCD024H Datasheet
194Kb / 2P
Schottky Barrier Diode
USCD024H ZOWIE-USCD024H Datasheet
215Kb / 2P
Schottky Barrier Diode
USCD024R ZOWIE-USCD024R Datasheet
68Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
USCD024RH ZOWIE-USCD024RH Datasheet
203Kb / 2P
Schottky Barrier Diode
More results

Similar Description - USCD024TH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com