Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPAC1203F Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SPAC1203F
Description  GLASS PASSIVATED SILICON RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SPAC1203F Datasheet(HTML) 1 Page - Rectron Semiconductor

  SPAC1203F Datasheet HTML 1Page - Rectron Semiconductor SPAC1203F Datasheet HTML 2Page - Rectron Semiconductor SPAC1203F Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VOLTAGE 200 Volts CURRENT 12 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
SPAC1203F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted)
FEATURES
* Low leakage
* Low forward voltage drop
* High current capability
* High surge capability
* High reliability
MECHANICAL DATA
* Case: Slim PAQ
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC = 125
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
12
125
4.1
8.3
1.6
40
Amps
0 C/ W
0 C
Operating and Storage Temperature Range
Rq JC
Rq JA
Rq JL
IO
-55 to + 175
pF
Volts
200
SPAC1203F
200
140
2010-05
REV: B
CHARACTERISTICS
at Rated DC Blocking Voltage
VF
SYMBOL
IR
µAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 12 A DC
Volts
10
@TA = 100
oC
@TA = 25
oC
1.1
100
UNITS
SPAC1203F
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
4. Suffix "R" for Reverse Polarity.
Dimensions in inches and (millimeters)
Typical Current Square Time
I2T
A2S
64.8
GLASS PASSIVATED SILICON RECTIFIER
SlimPAQ
.492 (12.5)
.452 (11.5)
.037 (0.95)
.043 (1.10)
.492 (12.5)
.452 (11.5)
.006 (0.15)
.010 (0.25)
.260 (6.60)
.280 (7.11)
.220 (5.59)
.245 (6.22)
.138 (3.5)
.098 (2.5)
1.25mm(Max.)
5. Available in Halogen-free epoxy by adding suffix -HF after the part nbr.


Similar Part No. - SPAC1203F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPAC265-3W STMICROELECTRONICS-SPAC265-3W Datasheet
284Kb / 10P
AC-DC switch mode power supply
17-Dec-2007
SPAC265-8W STMICROELECTRONICS-SPAC265-8W Datasheet
225Kb / 9P
AC-DC power supply module
06-Jun-2012
SPAC265BC12P0.30 STMICROELECTRONICS-SPAC265BC12P0.30 Datasheet
284Kb / 10P
AC-DC switch mode power supply
17-Dec-2007
SPAC265FC12P0.30 STMICROELECTRONICS-SPAC265FC12P0.30 Datasheet
284Kb / 10P
AC-DC switch mode power supply
17-Dec-2007
logo
Rectron Semiconductor
SPAC803F RECTRON-SPAC803F Datasheet
65Kb / 3P
GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 200 Volts CURRENT 8.0 Ampere
More results

Similar Description - SPAC1203F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM501 RECTRON-FM501 Datasheet
23Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
logo
Shanghai Shunye Electro...
1N5391G SHUNYE-1N5391G Datasheet
1Mb / 2P
GLASS PASSIVATED SILICON RECTIFIER
BY251G SHUNYE-BY251G Datasheet
995Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
1N4001SG SHUNYE-1N4001SG_17 Datasheet
594Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
logo
Microdiode Semiconducto...
1N4001G CHENDA-1N4001G_V01 Datasheet
735Kb / 2P
GLASS PASSIVATED SILICON RECTIFIER
logo
Rectron Semiconductor
MUR1060 RECTRON-MUR1060 Datasheet
391Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
MUR1060P RECTRON-MUR1060P Datasheet
604Kb / 8P
GLASS PASSIVATED SILICON RECTIFIER
MUR1560 RECTRON-MUR1560 Datasheet
300Kb / 5P
GLASS PASSIVATED SILICON RECTIFIER
FM807C RECTRON-FM807C Datasheet
334Kb / 8P
GLASS PASSIVATED SILICON RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com