Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPAC265-8W Datasheet (PDF) - STMicroelectronics

SPAC265-8W Datasheet PDF - STMicroelectronics
Part # SPAC265-8W
Download  SPAC265-8W Download
File Size   225.89 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AC-DC power supply module

SPAC265-8W Datasheet (PDF)

Go To PDF Page Download Datasheet
SPAC265-8W Datasheet PDF - STMicroelectronics

Part # SPAC265-8W
Download  SPAC265-8W Click to download

File Size   225.89 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description AC-DC power supply module

SPAC265-8W Datasheet (HTML) - STMicroelectronics


SPAC265-8W Product details

Description
ST's power modules are highly integrated, high efficiency switch mode converters. The SPAC265 family of converters includes isolated AC-DC, single output modules. The module can operate in accordance with the European input voltage range. It's a turnkey drop-in solution requiring no additional external circuitry. This specific version performs 8 W peak output power at 5 Vdc. It can support 800 mA output current in continuous mode, and can withstand 1.75 A peak 25% of the time.

Features
■ Open frame switch mode power supply
■ European input voltage range
■ Single output 5 V, 8 W peak power, 4 W continuous operating mode
■ EMC compliance according to EU directive EN55011, and EN55022 Class-B
■ Harmon. current compliance to EN61000-3-2-3
■ EMS immunity compliance to EN61000-4- 2,3,4,5,6,8,11, ENV50204, EN55024, EN60601-1-2, and EN61204-3
■ Safety compliance according to UL60601-1, TUV EN60601-1, IE60601-1, and EN60950-1
■ CE approval files. Report reference number: 165170-1TRFEMC, 165170-2TRFEMC, 165170-TRFSAF, 165170-1TRFSAF
■ Input fuse protection
■ Voltage and current regulation
■ Output short-circuit protection
■ Low standby power consumption
■ MTBF 175000 hours at 40 °C max. load according to MILHDBK217E
■ RoHS compliant
■ Operating temperature range -30 °C to 70 °C

Applications
■ Telecom and industrial systems
■ Distributed power systems
■ Medical safety systems




Similar Part No. - SPAC265-8W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPAC265-3W STMICROELECTRONICS-SPAC265-3W Datasheet
284Kb / 10P
AC-DC switch mode power supply
17-Dec-2007
More results


Similar Description - SPAC265-8W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com