Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPAC265-8W Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPAC265-8W
Description  AC-DC power supply module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPAC265-8W Datasheet(HTML) 6 Page - STMicroelectronics

  SPAC265-8W Datasheet HTML 1Page - STMicroelectronics SPAC265-8W Datasheet HTML 2Page - STMicroelectronics SPAC265-8W Datasheet HTML 3Page - STMicroelectronics SPAC265-8W Datasheet HTML 4Page - STMicroelectronics SPAC265-8W Datasheet HTML 5Page - STMicroelectronics SPAC265-8W Datasheet HTML 6Page - STMicroelectronics SPAC265-8W Datasheet HTML 7Page - STMicroelectronics SPAC265-8W Datasheet HTML 8Page - STMicroelectronics SPAC265-8W Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Electromagnetic compatibility
SPAC265-8W
6/9
Doc ID 023255 Rev 1
6
Electromagnetic compatibility
This section contains specific information about the conformity of the device according to
the Standard IEC 60601-1-2: 2001 + A1:2006.
The SPAC265-8W is a medical device that requires special precautions regarding
electromagnetic compatibility and must be installed and used in accordance with the EMC
information contained in Table 5 below.
Portable and mobile radio communication, mobile telephones, and pagers can interfere with
the operation of the medical device.
The use of accessories, transducers and cables other than those specified, with the
exception of transducers and cables sold by the manufacturer of the device and the system
as alternatives, can result in an increase of the emissions or in a reduction of the immunity
of the device or system.
Warning:
The SPAC265-8W is intended for use in the electromagnetic
environment specified below. The customer or the user of the
SPAC265-8W should assure that it is used in such an
environment
Table 5.
Guidance and manufacturer’s declaration of electromagnetic emissions
Emission test
Compliance
Electromagnetic environment - guidance
RF emission
CISPR11
Group 1
The SPAC265-8W uses RF energy only for its
internal function. Therefore its RF emissions are
very low and not likely to cause any interference
in nearby electronic equipment
RF emission
Class-B
The SPAC265-8W is suitable for use in all
establishments, including domestic
establishments and those directly connected to
the public low-voltage power supply network that
supplies buildings used for domestic purposes.
Harmonic emission IEC 61000-3-2
Class-A
Voltage fluctuations/flicker emission
IEC 61000-3-3
Complies



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com