Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPAC265-8W Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPAC265-8W
Description  AC-DC power supply module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPAC265-8W Datasheet(HTML) 7 Page - STMicroelectronics

  SPAC265-8W Datasheet HTML 1Page - STMicroelectronics SPAC265-8W Datasheet HTML 2Page - STMicroelectronics SPAC265-8W Datasheet HTML 3Page - STMicroelectronics SPAC265-8W Datasheet HTML 4Page - STMicroelectronics SPAC265-8W Datasheet HTML 5Page - STMicroelectronics SPAC265-8W Datasheet HTML 6Page - STMicroelectronics SPAC265-8W Datasheet HTML 7Page - STMicroelectronics SPAC265-8W Datasheet HTML 8Page - STMicroelectronics SPAC265-8W Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SPAC265-8W
Electromagnetic compatibility
Doc ID 023255 Rev 1
7/9
Table 6.
Guidance and manufacturer’s declaration of electromagnetic immunity
Immunity test
IEC 60601 test level
Compliance level
Electromagnetic environment - guide
Electrostatic discharge
(ESD)
IEC61000-4-2
±6 kV contact
The SPAC265-8W
doesn’t change its
state.
Floor should be concrete, wood or
ceramic tile. If floors are covered with
synthetic material, the relative humidity
should be at least 30%.
Electrical fast
transient/burst
IEC61000-4-4
±2 kV power supply
The SPAC265-8W
doesn’t change its
state.
--
Surge
IEC61000-4-5
±1 kV differential mode
The SPAC265-8W
doesn’t change its
state.
--
Voltage dips, short
interruption and voltage
variation
IEC61000-4-11
<5% UT (>95% dip in
UT) for 0,5 cycles
40% UT (60% dip in UT)
for 5 cycles
70% UT (30% dip in UT)
for 25 cycles
<5% UT (>95% dip in
UT) for 5 s
--
Power frequency
(50/60 Hz) magnetic
field
IEC61000-4-8
3 A/m
The SPAC265-8W
doesn’t change its
state.
Power frequency magnetic fields should
be at a level characteristic of a typical
location in a typical commercial or
hospital environment



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com