Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPAC265-8W Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPAC265-8W
Description  AC-DC power supply module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPAC265-8W Datasheet(HTML) 1 Page - STMicroelectronics

  SPAC265-8W Datasheet HTML 1Page - STMicroelectronics SPAC265-8W Datasheet HTML 2Page - STMicroelectronics SPAC265-8W Datasheet HTML 3Page - STMicroelectronics SPAC265-8W Datasheet HTML 4Page - STMicroelectronics SPAC265-8W Datasheet HTML 5Page - STMicroelectronics SPAC265-8W Datasheet HTML 6Page - STMicroelectronics SPAC265-8W Datasheet HTML 7Page - STMicroelectronics SPAC265-8W Datasheet HTML 8Page - STMicroelectronics SPAC265-8W Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
June 2012
Doc ID 023255 Rev 1
1/9
9
SPAC265-8W
AC-DC power supply module
Datasheet
−production data
Features
■ Open frame switch mode power supply
■ European input voltage range
■ Single output 5 V, 8 W peak power, 4 W
continuous operating mode
■ EMC compliance according to EU directive
EN55011, and EN55022 Class-B
■ Harmon. current compliance to EN61000-3-2-3
■ EMS immunity compliance to EN61000-4-
2,3,4,5,6,8,11, ENV50204, EN55024,
EN60601-1-2, and EN61204-3
■ Safety compliance according to UL60601-1,
TUV EN60601-1, IE60601-1, and EN60950-1
■ CE approval files. Report reference number:
165170-1TRFEMC, 165170-2TRFEMC,
165170-TRFSAF, 165170-1TRFSAF
■ Input fuse protection
■ Voltage and current regulation
■ Output short-circuit protection
■ Low standby power consumption
■ MTBF 175000 hours at 40 °C max. load
according to MILHDBK217E
■ RoHS compliant
■ Operating temperature range -30 °C to 70 °C
Applications
■ Telecom and industrial systems
■ Distributed power systems
■ Medical safety systems
Description
ST's power modules are highly integrated, high
efficiency switch mode converters. The SPAC265
family of converters includes isolated AC-DC,
single output modules. The module can operate in
accordance with the European input voltage
range. It's a turnkey drop-in solution requiring no
additional external circuitry. This specific version
performs 8 W peak output power at 5 Vdc. It can
support 800 mA output current in continuous
mode, and can withstand 1.75 A peak 25% of the
time.
Table 1.
Device summary
Order code
Output power
SPAC265-8W
8 W peak
www.st.com


Similar Part No. - SPAC265-8W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPAC265-3W STMICROELECTRONICS-SPAC265-3W Datasheet
284Kb / 10P
AC-DC switch mode power supply
17-Dec-2007
More results

Similar Description - SPAC265-8W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com