Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPAC265-8W Datasheet(PDF) 3 Page - STMicroelectronics

Part # SPAC265-8W
Description  AC-DC power supply module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPAC265-8W Datasheet(HTML) 3 Page - STMicroelectronics

  SPAC265-8W Datasheet HTML 1Page - STMicroelectronics SPAC265-8W Datasheet HTML 2Page - STMicroelectronics SPAC265-8W Datasheet HTML 3Page - STMicroelectronics SPAC265-8W Datasheet HTML 4Page - STMicroelectronics SPAC265-8W Datasheet HTML 5Page - STMicroelectronics SPAC265-8W Datasheet HTML 6Page - STMicroelectronics SPAC265-8W Datasheet HTML 7Page - STMicroelectronics SPAC265-8W Datasheet HTML 8Page - STMicroelectronics SPAC265-8W Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SPAC265-8W
Thermal data
Doc ID 023255 Rev 1
3/9
1.2
Pin description
2
Thermal data
Table 2.
Pin description
Name
Function
Description
AC1
Line connection
Input voltage Vi main supply
AC2
Line connection
Input voltage Vi main supply
OUT1
Vdc output
Output voltage 5.0 Vdc +/- 5%
OUT2
Ground
Output voltage ground GND
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
TSTG
Storage temperature range
-40 to +105
°C
TOP
Operating temperature range
-30 to +70
°C
Hw
Working humidity (non-condensing)
10 to 90
Rh%
Hs
Storage humidity
10 to 95
Rh%
Ps
Storage and transportation pressure
1.016
hPa
H
Altitude
<2.000
m



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com