Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPAC265-8W Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPAC265-8W
Description  AC-DC power supply module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPAC265-8W Datasheet(HTML) 5 Page - STMicroelectronics

  SPAC265-8W Datasheet HTML 1Page - STMicroelectronics SPAC265-8W Datasheet HTML 2Page - STMicroelectronics SPAC265-8W Datasheet HTML 3Page - STMicroelectronics SPAC265-8W Datasheet HTML 4Page - STMicroelectronics SPAC265-8W Datasheet HTML 5Page - STMicroelectronics SPAC265-8W Datasheet HTML 6Page - STMicroelectronics SPAC265-8W Datasheet HTML 7Page - STMicroelectronics SPAC265-8W Datasheet HTML 8Page - STMicroelectronics SPAC265-8W Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SPAC265-8W
Electrical characteristics
Doc ID 023255 Rev 1
5/9
4
Electrical characteristics
5
Soldering
The module is a THT component designed to be assembled on a motherboard with double
wave soldering process.
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min. Typ. Max.
Unit
Vi
Input voltage
50 Hz +/- 10%
184
264
Vrms
Io
Output current
Vi = 184 to 264 Vac current limitation
condition (1)
1.75
2.0
A
Iom
Output current
Vi = 184 to 264 Vac minimum load for
continuous operation mode
20
mA
Vo
Output voltage
Vi = 184 to 264 Vac,
Io = 0 to Imax
4.75
5.0
5.25
V
Vor
Output ripple
Vi = 184 to 264 Vac
Io = max. load, with external LC
(2)
50
mVpp
Iosc
Output short-circuit current
Vi = 184 to 264 Vac Hiccup mode – Vout <1 V
2.5
A
n
Efficiency
Vi = 184 to 264 Vac Po=2 W, Vi =230 Vac
70
%
Pstby
Power consumption in no
load conditions
Vi = 230 VRMS, Io = 0 mA
300
mW
Vis
Isolation voltage
Input to output
3000
VRMS
Top
Operating ambient
temperature
-30
+70
oC
Ris
Isolation resistance
Input to output, 500 Vdc
100
M
Ω
Wh
Working humidity
Non-condensing
10
90
%
Life
Life time
Max. load, 40 °C,
20
Years
MTBF
Mean time before failure
Max. load, 40 °C, MILHDBK217E
175
Khours
1.
The module can perform 1.75 A output current with 25% duty cycle, for time <10 sec at Vi = 184 to 264 Vac. The module
can perform 0.8A output current in continuous mode.
2.
L = 1 mH; C = 1000 µF low ESR.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com