Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD2000T1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMBD2000T1
Description  Switching Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBD2000T1 Datasheet(HTML) 2 Page - Motorola, Inc

  MMBD2000T1 Datasheet HTML 1Page - Motorola, Inc MMBD2000T1 Datasheet HTML 2Page - Motorola, Inc MMBD2000T1 Datasheet HTML 3Page - Motorola, Inc MMBD2000T1 Datasheet HTML 4Page - Motorola, Inc MMBD2000T1 Datasheet HTML 5Page - Motorola, Inc MMBD2000T1 Datasheet HTML 6Page - Motorola, Inc MMBD2000T1 Datasheet HTML 7Page - Motorola, Inc MMBD2000T1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMBD1000LT1 MMBD2000T1 MMBD3000T1 MMSD1000T1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage (IBR = 100 µA)
V(BR)
30
—
V
Reverse Voltage Leakage Current (VR = 75 V)
IR
—
500
pA
Forward Voltage (IF = 1.0 mA)
Forward Voltage (IF = 10 mA)
VF
—
—
850
950
mV
Diode Capacitance (VR = 0 V, f = 1.0 MHz)
CD
—
2.0
pF
Reverse Recovery Time (IF = IR = 10 mA) (Figure 1)
trr
—
3.0
µs
Figure 1. Recovery Time Equivalent Test Circuit
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2 k
820
Ω
0.1
µF
DUT
VR
100
µH
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1 mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1 mA)
IF
INPUT SIGNAL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com