Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD2000T1 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMBD2000T1
Description  Switching Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMBD2000T1 Datasheet(HTML) 1 Page - Motorola, Inc

  MMBD2000T1 Datasheet HTML 1Page - Motorola, Inc MMBD2000T1 Datasheet HTML 2Page - Motorola, Inc MMBD2000T1 Datasheet HTML 3Page - Motorola, Inc MMBD2000T1 Datasheet HTML 4Page - Motorola, Inc MMBD2000T1 Datasheet HTML 5Page - Motorola, Inc MMBD2000T1 Datasheet HTML 6Page - Motorola, Inc MMBD2000T1 Datasheet HTML 7Page - Motorola, Inc MMBD2000T1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Switching Diode
Part of the GreenLine
™ Portfolio of devices with energy–conserving traits.
This switching diode has the following features:
• Very Low Leakage (≤ 500 pA) promotes extended battery life by decreas-
ing energy waste
• Offered in four Surface Mount package types
• Available in 8 mm Tape and Reel in quantities of 3,000
Applications
• ESD Protection
• Reverse Polarity Protection
• Steering Logic
• Medium–Speed Switching
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
30
Vdc
Peak Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM
(surge)
500
mA
DEVICE MARKING
MMBD1000LT1 = AY
MMBD2000T1 = DH
MMBD3000T1 = XP
MMSD1000T1 = 4K
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-4 Board (1)
TA = 25°C
MMBD1000LT1, MMBD3000T1,
MMSD1000T1
MMBD2000T1
Derate above 25
°C MMBD1000LT1, MMBD3000T1,
MMSD1000T1
MMBD2000T1
PD
225
150
1.8
1.2
mW
mW/
°C
Thermal Resistance Junction to Ambient
MMBD1000LT1, MMBD3000T1,
MMSD1000T1
MMBD2000T1
R
θJA
556
833
°C/W
Junction and Storage Temperature
TJ, Tstg
– 55 to +150
°C
(1) Device mounted on a FR-4 glass epoxy printed circuit board using the minimum
recommended footprint.
GreenLine is a trademark of Motorola, Inc.
Thermal Clad is a registered trademark of the Berquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MMBD1000LT1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MMBD1000LT1
MMBD2000T1
MMBD3000T1
MMSD1000T1
CASE 318-07, STYLE 8
SOT-23 (TO-236AB)
Motorola Preferred Devices
1
2
3
3
CATHODE
1
ANODE
CASE 318D-03, STYLE 2
SC–59
CASE 425-04, STYLE 1
SOD–123
CASE 419-02, STYLE 2
SC–70/SOT–323
3
CATHODE
1
ANODE
3
CATHODE
2
ANODE
1
CATHODE
2
ANODE
MMBD1000LT1
MMBD2000T1
1
2
3
2
1
3
1
2
MMBD3000T1
MMSD1000T1
™
© Motorola, Inc. 1995


Similar Part No. - MMBD2000T1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBD2004 WEITRON-MMBD2004 Datasheet
343Kb / 3P
Surface Mount Switching Diode
logo
Guangdong Kexin Industr...
MMBD2004 KEXIN-MMBD2004 Datasheet
903Kb / 2P
Switching Diodes
MMBD2004-3 KEXIN-MMBD2004-3 Datasheet
880Kb / 2P
Switching Diodes
logo
Weitron Technology
MMBD2004A WEITRON-MMBD2004A Datasheet
343Kb / 3P
Surface Mount Switching Diode
logo
Guangdong Kexin Industr...
MMBD2004A KEXIN-MMBD2004A Datasheet
903Kb / 2P
Switching Diodes
More results

Similar Description - MMBD2000T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com