Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7192 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7192
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7192 Datasheet HTML 9Page - Analog Devices ADV7192 Datasheet HTML 10Page - Analog Devices ADV7192 Datasheet HTML 11Page - Analog Devices ADV7192 Datasheet HTML 12Page - Analog Devices ADV7192 Datasheet HTML 13Page - Analog Devices ADV7192 Datasheet HTML 14Page - Analog Devices ADV7192 Datasheet HTML 15Page - Analog Devices ADV7192 Datasheet HTML 16Page - Analog Devices ADV7192 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
ADV7192
–13–
REV. 0
Table I. Luminance Internal Filter Specifications (4
Oversampling)
Passband
3 dB Bandwidth
2
Stopband
Stopband
Filter Type
Filter Selection
Ripple
1 (dB)
(MHz)
Cutoff
3 (MHz)
Attentuation
4 (dB)
MR04 MR03 MR02
Low-Pass (NTSC)
0
0
0
0.16
4.24
6.05
–75.2
Low-Pass (PAL)
0
0
1
0.1
4.81
6.41
–64.6
Notch (NTSC)
0
1
0
0.09
2.3/4.9/6.6
8.03
–87.3
Notch (PAL)
0
1
1
0.1
3.1/5.6/6.4
8.02
–79.7
Extended (SSAF)
1
0
0
0.04
6.45
8.03
–86.6
CIF
1
0
1
0.127
3.02
5.04
–62.6
QCIF
1
1
0
Monotonic
1.5
3.74
–88.2
NOTES
1Passband Ripple is defined as the fluctuations from the 0 dB response in the passband, measured in (dB). The passband is defined to have 0–fc frequency limits for a
low-pass filter, 0–f1 and f2–infinity for a notch filter, where fc, f1, f2 are the –3 dB points.
23 dB bandwidth refers to the –3 dB cutoff frequency.
3Stopband Cutoff refers to the frequency at the attenuation point referred to under Note 4.
4Stopband Attenuation refers to the attenuation point (dB) at the frequency referred to under Note 3.
Table II. Chrominance Internal Filter Specifications (4
Oversampling)
Passband
3 dB Bandwidth
2
Stopband
Stopband
Filter Type
Filter Selection
Ripple1 (dB)
(MHz)
Cutoff 3 (MHz)
Attentuation4 (dB)
MR07 MR06 MR05
1.3 MHz Low-Pass
0
0
0
0.09
1.395
2.46
–83.9
0.65 MHz Low-Pass
0
0
1
Monotonic
0.65
2.41
–71.1
1.0 MHz Low-Pass
0
1
0
Monotonic
1.0
1.89
–64.43
2.0 MHz Low-Pass
0
1
1
0.048
2.2
3.1
–65.9
3.0 MHz Low-Pass
1
0
0
Monotonic
3.2
5.3
–84.5
CIF
1
0
1
Monotonic
0.65
2.41
–71.1
QCIF
1
1
0
Monotonic
0.5
1.75
–33.1
NOTES
1Passband Ripple is defined as the fluctuations from the 0 dB response in the passband, measured in (dB). The passband is defined to have 0–fc frequency limits for a
low-pass filter, 0–f1 and f2–infinity for a notch filter, where fc, f1, f2 are the –3 dB points.
23 dB bandwidth refers to the –3 dB cutoff frequency.
3Stopband Cutoff refers to the frequency at the attenuation point referred to under Note 4.
4Stopband Attenuation refers to the attenuation point (dB) at the frequency referred to under Note 3.
When used to interface progressive scan systems, the ADV7192
allows input to YCrCb signals in Progressive Scan format
(3
10-bit) before these signals are routed to the interpolation
filters and the DACs.
INTERNAL FILTER RESPONSE
The Y Filter supports several different frequency responses
including two low-pass responses, two notch responses, an
Extended (SSAF) response with or without gain boost/attenuation,
a CIF response, and a QCIF response. The UV/filter supports
several different frequency responses including five low-pass
responses, a CIF response, and a QCIF response, as can be seen in
the following figures. All filter plots show the 4
Oversampling
responses.
In Extended Mode there is the option of 12 responses in the range
from –4 dB to +4 dB. The desired response can be chosen by the
user by programming the correct value via the I
2C. The variation
of frequency responses can be seen in the Tables I and II. For
more detailed filter plots refer to Analog Devices’ Application
Note AN-562.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com