Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLF10045 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # VLF10045
Description  3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VLF10045 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button VLF10045 Datasheet HTML 7Page - Richtek Technology Corporation VLF10045 Datasheet HTML 8Page - Richtek Technology Corporation VLF10045 Datasheet HTML 9Page - Richtek Technology Corporation VLF10045 Datasheet HTML 10Page - Richtek Technology Corporation VLF10045 Datasheet HTML 11Page - Richtek Technology Corporation VLF10045 Datasheet HTML 12Page - Richtek Technology Corporation VLF10045 Datasheet HTML 13Page - Richtek Technology Corporation VLF10045 Datasheet HTML 14Page - Richtek Technology Corporation VLF10045 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT2808A
13
DS2808A-00 November 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Layout Consideration
Follow the PCB layout guidelines for optimal performance
of the RT2808A.
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
SW node is with high frequency voltage swing and should
be kept at small area. Keep analog components away
from the SW node to prevent stray capacitive noise pick-
up.
Connect feedback network behind the output capacitors.
Keep the loop area small. Place the feedback
components near the RT2808A.
Connect all analog grounds to a common node and then
connect the common node to the power ground behind
the output capacitors.
An example of PCB layout guide is shown in Figure 5
for reference.
(d) Copper Area = 50mm2,
θJA = 51°C/W
(e) Copper Area = 70mm2,
θJA = 49°C/W
Figure 3. Thermal Resistance vs. Copper Area Layout
Design
Figure 5. PCB Layout Guide
BOOT
NC
NC
FB
SW
VIN
EN
GND
GND
2
3
4
5
6
7
8
9
CIN
VOUT
GND
VOUT
R1
R2
SW
CBOOT
D1
The feedback components
should be connected as close
to the device as possible.
SW should be connected to inductor by
wide and short trace. Keep sensitive
components away from this trace.
L1
COUT
CIN
COUT
Input capacitor should be
placed as close to the IC
as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com