Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLF10045 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # VLF10045
Description  3A, 36V, 500kHz Current Mode Asynchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VLF10045 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  VLF10045 Datasheet HTML 1Page - Richtek Technology Corporation VLF10045 Datasheet HTML 2Page - Richtek Technology Corporation VLF10045 Datasheet HTML 3Page - Richtek Technology Corporation VLF10045 Datasheet HTML 4Page - Richtek Technology Corporation VLF10045 Datasheet HTML 5Page - Richtek Technology Corporation VLF10045 Datasheet HTML 6Page - Richtek Technology Corporation VLF10045 Datasheet HTML 7Page - Richtek Technology Corporation VLF10045 Datasheet HTML 8Page - Richtek Technology Corporation VLF10045 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT2808A
2
DS2808A-00
November 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Functional Pin Description
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap Input for High Side Gate Driver. Connect a 10nF or greater capacitor
from SW to BOOT to power the high side switch.
2, 3
NC
No Internal Connection.
4
FB
Feedback Input. The feedback threshold is 1.222V.
5
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN
higher than 1.4V to turn on the regulator, lower than 0.4V to turn it off. For
automatic startup, leave EN unconnected.
6,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
7
VIN
Power Input. A suitable large capacitor should be connected from the VIN to
GND to eliminate noise on the input to the IC.
8
SW
Switch Node. Note that a capacitor is required from SW to BOOT to power the
high side switch.
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
SW
BOOT
NC
FB
NC
EN
VIN
GND
2
3
4
5
8
7
6
GND
9
S
Q
R
Driver
Bootstrap
Control
-
+
Current Sense
Amplifier
Current
Comparator
Oscillator
500kHz
Ramp
Generator
Regulator
Reference
+
-
12k
Error
Amplifier
30pF
400k
13pF
SW
BOOT
FB
EN
VIN
GND
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com