Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7192KST Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7192KST
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192KST Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7192KST Datasheet HTML 35Page - Analog Devices ADV7192KST Datasheet HTML 36Page - Analog Devices ADV7192KST Datasheet HTML 37Page - Analog Devices ADV7192KST Datasheet HTML 38Page - Analog Devices ADV7192KST Datasheet HTML 39Page - Analog Devices ADV7192KST Datasheet HTML 40Page - Analog Devices ADV7192KST Datasheet HTML 41Page - Analog Devices ADV7192KST Datasheet HTML 42Page - Analog Devices ADV7192KST Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
ADV7192
–39–
REV. 0
CGMS Data (C/W16–C/W17)
These bits are CGMS data bits only.
C/W17
C/W16
C/W15
C/W14
C/W13
C/W12
C/W11
C/W10
C/W15 – C/W10
CGMS/WSS DATA
C/W17 – C/W16
CGMS DATA
Figure 77. CGMS_WSS Register 1
CGMS_WSS REGISTER 2
C/W1 (C/W27–C/W20)
(Address (SR4–SR0) = 1BH)
CGMS_WSS Register 2 is an 8-bit-wide register. Figure 78 shows
the operations under control of this register.
C/W2 BIT DESCRIPTION
CGMS/WSS Data (C/W20–C/W27)
These bit locations are shared by CGMS data and WSS data. In
NTSC mode these bits are CGMS data. In PAL mode these bits
are WSS data.
C/W27 – C/W20
CGMS/WSS DATA
C/W27
C/W26
C/W25
C/W24
C/W23
C/W22
C/W21
C/W20
Figure 78. CGMS_WSS Register 2
CONTRAST CONTROL REGISTER (CC00–CC07)
(Address (SR4–SR0) = 1DH)
The contrast control register is an 8-bit-wide register used to
scale the Y output levels. Figure 79 shows the operation under
control of this register.
Y Scale Value (CC00–CC07)
These eight bits represent the value required to scale the Y pixel
data from 0.0 to 1.5 of its initial level. The value of these eight
bits is calculated using the following equation:
Y Scale Value = Scale Factor
× 128
Example:
Scale Factor = 1.18
Y Scale Value = 1.18
× 128 = 151.04
Y Scale Value = 151 (rounded to the nearest integer)
Y Scale Value = 10010111b
Y Scale Value = 97h
CC07 – CC00
Y SCALE VALUE
CC07
CC06
CC05
CC04
CC03
CC02
CC01
CC00
Figure 79. Contrast Control Register
COLOR CONTROL REGISTERS 1–2 (CC1–CC2)
(Address (SR4–SR0) = 1EH–1FH)
The color control registers are 8-bit-wide registers used to scale
the U and V output levels. Figure 75 shows the operations under
control of these registers.
CC17 – CC10
U SCALE VALUE
CC17
CC16
CC15
CC14
CC13
CC12
CC11
CC10
CC27 – CC20
V SCALE VALUE
CC27
CC26
CC25
CC24
CC23
CC22
CC21
CC20
Figure 80. Color Control Registers
CC1 BIT DESCRIPTION
U Scale Value (CC10–CC17)
These eight bits represent the value required to scale the U level
from 0.0 to 2.0 of its initial level. The value of these eight bits is
calculated using the following equation:
U Scale Value = Scale Factor
× 128
Example:
Scale Factor = 1.18
U Scale Value = 1.18
× 128 = 151.04
U Scale Value = 151 (rounded to the nearest integer)
U Scale Value = 10010111b
U Scale Value = 97h
CC2 BIT DESCRIPTION
V Scale Value (CC20–CC27)
These eight bits represent the value required to scale the V pixel
data from 0.0 to 2.0 of its initial level. The value of these eight
bits is calculated using the following equation:
V Scale Value = Scale Factor
× 128
Example:
Scale Factor = 1.18
V Scale Value = 1.18
× 128 = 151.04
V Scale Value = 151 (rounded to the nearest integer)
V Scale Value = 10010111b
V Scale Value = 97h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com