Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7192KST Datasheet(PDF) 15 Page - Analog Devices

Part # ADV7192KST
Description  Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7192KST Datasheet(HTML) 15 Page - Analog Devices

Back Button ADV7192KST Datasheet HTML 11Page - Analog Devices ADV7192KST Datasheet HTML 12Page - Analog Devices ADV7192KST Datasheet HTML 13Page - Analog Devices ADV7192KST Datasheet HTML 14Page - Analog Devices ADV7192KST Datasheet HTML 15Page - Analog Devices ADV7192KST Datasheet HTML 16Page - Analog Devices ADV7192KST Datasheet HTML 17Page - Analog Devices ADV7192KST Datasheet HTML 18Page - Analog Devices ADV7192KST Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
ADV7192
–15–
REV. 0
1
0
–4
–3
–1
0
1
2
67
3
5
–5
–2
FREQUENCY – MHz
4
Figure 16. Extended SSAF and Programmable Attenuation,
Showing Range 0 dB/–4dB
5
0
0
1
3
4
1
2
67
3
5
–1
2
FREQUENCY – MHz
4
Figure 17. Extended SSAF and Programmable Gain,
Showing Range 0 dB/+4 dB
0
–20
0
–50
–60
–30
–10
2
4
10
12
68
–70
–40
FREQUENCY – MHz
Figure 18. Luma CIF Filter
0
–20
0
–50
–60
–30
–10
24
10
12
68
–70
–40
FREQUENCY – MHz
Figure 19. Luma QCIF Filter
0
–20
0
–50
–60
–30
–10
24
10
12
68
–70
–40
FREQUENCY – MHz
Figure 20. Chroma 0.65 MHz Low-Pass Filter
0
–20
0
–50
–60
–30
–10
24
10
12
68
–70
–40
FREQUENCY – MHz
Figure 21. Chroma 1.0 MHz Low-Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com