Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7194 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7194
Description  Professional Extended-10??Video Encoder with 54 MHz Oversampling
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7194 Datasheet(HTML) 1 Page - Analog Devices

  ADV7194 Datasheet HTML 1Page - Analog Devices ADV7194 Datasheet HTML 2Page - Analog Devices ADV7194 Datasheet HTML 3Page - Analog Devices ADV7194 Datasheet HTML 4Page - Analog Devices ADV7194 Datasheet HTML 5Page - Analog Devices ADV7194 Datasheet HTML 6Page - Analog Devices ADV7194 Datasheet HTML 7Page - Analog Devices ADV7194 Datasheet HTML 8Page - Analog Devices ADV7194 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 69 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADV7194*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
Professional
Extended-10™
Video Encoder with 54 MHz Oversampling
SIMPLIFIED BLOCK DIAGRAM
I2C INTERFACE
CHROMA
LPF
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
10-BIT
DAC
2
OVERSAMPLING
4
OVERSAMPLING
OR
ADV7194
SSAF
LPF
LUMA
LPF
COMPOSITE VIDEO
Y [S-VIDEO]
C [S-VIDEO]
RGB
YUV
YPrPb
TV SCREEN
OR
PROGRESSIVE
SCAN DISPLAY
COLOR CONTROL
DNR
GAMMA
CORRECTION
VBI
TELETEXT
CLOSED CAPTION
CGMS/WSS
DEMUX
AND
YCrCb-
TO-
YUV
MATRIX
PLL
AND
54MHz
VIDEO
INPUT
PROCESSING
VIDEO
OUTPUT
PROCESSING
VIDEO
SIGNAL
PROCESSING
ANALOG
OUTPUT
27MHz
CLOCK
ITU–R.BT
656/601
10-BIT YCrCb
IN 4:2:2 FORMAT
DIGITAL
INPUT
*This device is protected by U.S. Patent Numbers 4631603, 4577216, and 4819098 and other intellectual property rights.
Extended-10 is a trademark of Analog Devices, Inc. This technology combines 10-bit conversion, 10-bit digital video data processing, and 10-bit external interfacing.
SSAF is a trademark of Analog Devices Inc.
ITU-R and CCIR are used interchangeably in this document (ITU-R has replaced CCIR recommendations).
I
2C is a registered trademark of Philips Corporation.
FEATURES
10-Bit Extended CCIR-656 Input Data Port
Six High-Quality 10-Bit Video DACs
10-Bit Internal Digital Video Processing
Multistandard Video Input
Multistandard Video Output
4
Oversampling with Internal 54 MHz PLL
Programmable Video Control Includes:
Digital Noise Reduction
Gamma Correction
Black Burst
LUMA Delay
CHROMA Delay
Multiple Luma and Chroma Filters
Luma SSAF™ (Super Sub-Alias Filter)
Average Brightness Detection
Field Counter
CGMS (Copy Generation Management System)
WSS (Wide Screen Signaling)
Closed Captioning Support
Teletext Insertion Port (PAL-WST)
2-Wire Serial MPU Interface (I2C Compatible and
Fast I2C)
Supply Voltage 5 V and 3.3 V Operation
80-Lead LQFP Package
GENERAL DESCRIPTION
The ADV7194 is part of the new generation of video encoders
from Analog Devices. The device builds on the performance of
previous video encoders and provides new features like inter-
facing progressive scan devices, digital noise reduction, gamma
correction, 4
× oversampling and 54 MHz operation, average
brightness detection, black burst signal generation, chroma delay,
an additional Chroma Filter, etc.
The ADV7194 supports NTSC-M, NTSC-N (Japan), PAL N,
PAL-B/D/G/H/I and PAL-60 standards. Input standards sup-
ported include ITU-R.BT656 4:2:2 YCrCb in 8-, 10-, 16- or
20-bit format and 3
× 10-bit YCrCb progressive scan format.
The ADV7194 can output composite video (CVBS), S-Video
(Y/C), Component YUV or RGB and analog progressive scan in
YPrPb format. The analog component output is also compatible
with Betacam, MII and SMPTE/EBU N10 levels, SMPTE 170M
NTSC and ITU-R.BT 470 PAL.
For more information about the ADV7194’s features refer to
Detailed Description of Features section.
APPLICATIONS
Professional DVD Playback Systems
PC Video/Multimedia Playback Systems
Progressive Scan Playback Systems
Professional Studio Equipment


Similar Part No. - ADV7194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7194 AD-ADV7194 Datasheet
605Kb / 69P
Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
ADV7194KSTZ AD-ADV7194KSTZ Datasheet
605Kb / 69P
Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
Video Encoder with 54 MHz Oversampling
REV. A
More results

Similar Description - ADV7194

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7192 AD-ADV7192 Datasheet
664Kb / 69P
Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV.0
logo
Faraday Technology
FL676 FARADAY-FL676 Datasheet
61Kb / 2P
Video Oversampling Filters
logo
Analog Devices
ADV7180 AD-ADV7180_12 Datasheet
2Mb / 120P
10-Bit, 4횞 Oversampling SDTV Video Decoder
Rev. G
ADV7194KSTZ AD-ADV7194KSTZ Datasheet
605Kb / 69P
Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7180 AD-ADV7180_15 Datasheet
2Mb / 114P
10-Bit, 4 Oversampling SDTV Video Decoder
Rev. J
ADV7190 AD-ADV7190_15 Datasheet
626Kb / 72P
Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191 AD-ADV7191_15 Datasheet
626Kb / 72P
Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7192 AD-ADV7192_15 Datasheet
2Mb / 69P
Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
Video Encoder with 54 MHz Oversampling
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com