Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7239 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7239
Description  5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7239 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7239 Datasheet HTML 1Page - Richtek Technology Corporation RT7239 Datasheet HTML 2Page - Richtek Technology Corporation RT7239 Datasheet HTML 3Page - Richtek Technology Corporation RT7239 Datasheet HTML 4Page - Richtek Technology Corporation RT7239 Datasheet HTML 5Page - Richtek Technology Corporation RT7239 Datasheet HTML 6Page - Richtek Technology Corporation RT7239 Datasheet HTML 7Page - Richtek Technology Corporation RT7239 Datasheet HTML 8Page - Richtek Technology Corporation RT7239 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
RT7235/36/39/40
®
DS7235/36/39/40-00
March 2013
www.richtek.com
1
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
General Description
The RT7235/36/39/40 is a synchronous step-down DC/
DC converter with Advanced Constant On-Time (ACOT
TM)
mode control. It achieves high power density to deliver up
to 5A output current from a 4.5V to 18V input supply. The
proprietary ACOT
TM mode offers an optimal transient
response over a wide range of loads and all kinds of ceramic
capacitors, which allows the device to adopt very low ESR
output capacitor for ensuring performance stabilization. In
addition, RT7235/36/39/40 keeps an excellent constant
switching frequency under line and load variation and the
integrated synchronous power switches with the ACOT
TM
mode operation provides high efficiency in whole output
current load range. Cycle-by-cycle current limit provides
an accurate protection by a valley detection of low side
MOSFET and external soft-start setting eliminates input
current surge during startup. Protection functions include
thermal shutdown for RT7235/36/39/40, output Under
Voltage Protection (UVP) / Over Voltage Protection (OVP)
for RT7235/36. When the UVP/OVP is triggered, the device
will enter latch mode for TSSOP-14 (Exposed Pad), and
hiccup mode for WDFN-10L 3x3.
The RT7235/36 are available in TSSOP-14 (Exposed Pad)
and WDFN-10L 3x3 packages, and the RT7235 is operated
in forced continuous conduction mode.
The RT7239/40 are available in the SOP-8 (Exposed Pad)
package, and the RT7239 is operated in forced continuous
conduction mode.
Features
ACOTTM Mode Enables Fast Transient Response
4.5V to 18V Input Voltage Range
5A Output Current
35m
Ω
Ω
Ω
Ω
Ω Internal Low Site N-MOSFET
Advanced Constant On-Time Control
Support All Ceramic Capacitors
Up to 95% Efficiency
650kHz Switching Frequency at all Load Current
(RT7235, RT7239)
Discontinuous Operating Mode at Light Load
(RT7236, RT7240)
Adjustable Output Voltage from 0.765V to 8V
Adjustable Soft-Start
Cycle-by-Cycle Current Limit
Input Under Voltage Lockout
Thermal Shutdown
RoHS Compliant and Halogen Free
Applications
Industrial and Commercial Low Power Systems
Computer Peripherals
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation for High-Performance DSPs,
FPGAs, and ASICs
Simplified Application Circuit
5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
PGOOD*
RT7235/36/39/40
VREG5
FB
VCC*
VIN
BOOT
SW
SS
VOUT
VIN
GND*
PGND
EN
Enable
Power GOOD
VS*
* : VCC pin for TSSOP-14 (Exposed Pad) only.
VS pin for TSSOP-14 (Exposed Pad) only.
GND pin for TSSOP-14 (Exposed Pad) only.
PGOOD pin for TSSOP-14 (Exposed Pad) and WDFN-10L 3x3 only.


Similar Part No. - RT7239

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7231 RICHTEK-RT7231 Datasheet
300Kb / 18P
4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7231GQW RICHTEK-RT7231GQW Datasheet
661Kb / 12P
Evaluation Board
RT7232 RICHTEK-RT7232 Datasheet
300Kb / 18P
4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7232GQW RICHTEK-RT7232GQW Datasheet
661Kb / 12P
Evaluation Board
RT7233 RICHTEK-RT7233 Datasheet
300Kb / 18P
4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
More results

Similar Description - RT7239

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7277 RICHTEK-RT7277 Datasheet
311Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7231 RICHTEK-RT7231 Datasheet
300Kb / 18P
4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7274 RICHTEK-RT7274 Datasheet
346Kb / 22P
2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
DS6203B RICHTEK-DS6203B Datasheet
416Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
RT6203B RICHTEK-RT6203B Datasheet
427Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
RT6206B RICHTEK-RT6206B Datasheet
264Kb / 15P
5.5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
May 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com