Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLF10045 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # VLF10045
Description  3A, 36V, 500kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VLF10045 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button VLF10045 Datasheet HTML 7Page - Richtek Technology Corporation VLF10045 Datasheet HTML 8Page - Richtek Technology Corporation VLF10045 Datasheet HTML 9Page - Richtek Technology Corporation VLF10045 Datasheet HTML 10Page - Richtek Technology Corporation VLF10045 Datasheet HTML 11Page - Richtek Technology Corporation VLF10045 Datasheet HTML 12Page - Richtek Technology Corporation VLF10045 Datasheet HTML 13Page - Richtek Technology Corporation VLF10045 Datasheet HTML 14Page - Richtek Technology Corporation VLF10045 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT7272B
13
DS7272B-01
January 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
(a) Copper Area = (2.3 x 2.3) mm2,
θJA = 75°C/W
(b) Copper Area = 10mm2,
θJA = 64°C/W
(c) Copper Area = 30mm
2 ,
θJA = 54°C/W
(d) Copper Area = 50mm2 ,
θJA = 51°C/W
(e) Copper Area = 70mm2 ,
θJA = 49°C/W
Figure 6. Thermal Resistance vs. Copper Area Layout
Design
Layout Considerations
For best performance of the RT7272B, the following layout
guidelines must be strictly followed.
Input capacitor must be placed as close to the IC as
possible.
SW should be connected to inductor by wide and short
trace. Keep sensitive components away from this trace.
The RL resistor, compensator and feedback components
must be connected as close to the device as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com