Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLF10045 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # VLF10045
Description  3A, 36V, 500kHz Synchronous Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VLF10045 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  VLF10045 Datasheet HTML 1Page - Richtek Technology Corporation VLF10045 Datasheet HTML 2Page - Richtek Technology Corporation VLF10045 Datasheet HTML 3Page - Richtek Technology Corporation VLF10045 Datasheet HTML 4Page - Richtek Technology Corporation VLF10045 Datasheet HTML 5Page - Richtek Technology Corporation VLF10045 Datasheet HTML 6Page - Richtek Technology Corporation VLF10045 Datasheet HTML 7Page - Richtek Technology Corporation VLF10045 Datasheet HTML 8Page - Richtek Technology Corporation VLF10045 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT7272B
2
DS7272B-01
January 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Functional Pin Description
Function Block Diagram
Pin Configurations
(TOP VIEW)
SOP-8 (Exposed Pad)
Marking Information
SW
BOOT
EN
GND
VIN
RLIM
FB
COMP
GND
2
3
4
5
6
7
8
9
RT7272BGSP : Product Number
YMDNN : Date Code
Pin No.
Pin Name
Pin Function
1
SW
Switch Node Connect to external L-C filter.
2
BOOT
Bootstrap Supply for High Side Gate Drive. A 100nF or greater capacitor is
recommended to connect from BOOT pin to SW pin.
3
EN
Enable Control Input. A logic-high enables the converter; a logic-low forces the
device into shutdown mode.
4,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum thermal dissipation.
5
FB
Feedback Input. This pin is connected to the converter output. It is used to set
the output of the converter to regulate to the desired value via an resistive
divider.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop.
Connect a series RC network from COMP to GND. In some cases, an additional
capacitor from COMP to GND is required.
7
RLIM
Current Limit Setting. Connect to a resistor to determine current limit.
8
VIN
Power Input. The input voltage range is from 4.5V to 36V. Must bypass with a
suitable large ceramic capacitor.
VA
+
-
+
-
+
-
UV
Comparator
Oscillator
Foldback
Control
0.4V
Internal
Regulator
+
-
1.7V
Shutdown
Comparator
Current Sense
Amplifier
BOOT
VIN
GND
SW
FB
EN
COMP
VA VCC
Slope Comp
Current
Comparator
+
-
EA
0.8V
S
R
Q
Q
RLIM
+
-
1.2V
Lockout
Comparator
VCC
+
80m
Ω
150m
Ω
RSENSE
5k
Ω
UV
SS
VCC
RT7272B
GSPYMDNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com