Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7280 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT7280
Description  2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7280 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT7280 Datasheet HTML 5Page - Richtek Technology Corporation RT7280 Datasheet HTML 6Page - Richtek Technology Corporation RT7280 Datasheet HTML 7Page - Richtek Technology Corporation RT7280 Datasheet HTML 8Page - Richtek Technology Corporation RT7280 Datasheet HTML 9Page - Richtek Technology Corporation RT7280 Datasheet HTML 10Page - Richtek Technology Corporation RT7280 Datasheet HTML 11Page - Richtek Technology Corporation RT7280 Datasheet HTML 12Page - Richtek Technology Corporation RT7280 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
RT7274/79/80/81
9
DS7274/79/80/81-01 February 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
(VIN = 12V, TA = 25
°C, unless otherwise specified)
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ---------------------------------------------------------------------------------------- 4.5V to 18V
Junction Temperature Range -------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN, VINR -------------------------------------------------------------------------------
−0.3V to 21V
Switch Node, SW --------------------------------------------------------------------------------------------------
−0.8V to (VIN + 0.3V)
Switch Node, SW (<10ns)----------------------------------------------------------------------------------------
−5V to 25V
BOOT to SW, PVCC ----------------------------------------------------------------------------------------------
−0.3V to 6V
Other Pins------------------------------------------------------------------------------------------------------------
−0.3V to 21V
Power Dissipation, PD @ TA = 25
°C
TSSOP-14 (Exposed Pad) --------------------------------------------------------------------------------------- 2.50W
SOP-8 (Exposed Pad) -------------------------------------------------------------------------------------------- 2.04W
Package Thermal Resistance (Note 2)
TSSOP-14 (Exposed Pad),
θJA --------------------------------------------------------------------------------- 40°C/W
SOP-8 (Exposed Pad),
θJA --------------------------------------------------------------------------------------- 49°C/W
SOP-8 (Exposed Pad),
θJC -------------------------------------------------------------------------------------- 15°C/W
Junction Temperature Range ------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------ 260
°C
Storage Temperature Range -------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------------- 2kV
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
Supply Current (Shutdown)
VEN = 0V
--
1
10
μA
Supply Current (Quiescent)
VEN = 3V, VFB = 1V
--
0.7
--
mA
Logic Threshold
Logic High
VIH
1.6
--
18
EN Voltage
Logic Low
VIL
--
--
0.4
V
EN Pin Resistance to GND
(RT7274/81)
VEN = 12V
220
440
880
k
Ω
VFB Voltage and Discharge Resistance
Feedback Threshold Voltage
VFB_TH
4.5V
≤ VIN ≤ 18V
0.757 0.765 0.773
V
Feedback Input Current
IFB
VFB = 0.8V
−0.1
0
0.1
μA
VOUT Discharge Resistance
RDIS
EN = 0V, VVOUT = 0.5V
--
50
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com