Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT7280 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT7280
Description  2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7280 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT7280 Datasheet HTML 1Page - Richtek Technology Corporation RT7280 Datasheet HTML 2Page - Richtek Technology Corporation RT7280 Datasheet HTML 3Page - Richtek Technology Corporation RT7280 Datasheet HTML 4Page - Richtek Technology Corporation RT7280 Datasheet HTML 5Page - Richtek Technology Corporation RT7280 Datasheet HTML 6Page - Richtek Technology Corporation RT7280 Datasheet HTML 7Page - Richtek Technology Corporation RT7280 Datasheet HTML 8Page - Richtek Technology Corporation RT7280 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
RT7274/79/80/81
®
DS7274/79/80/81-01 February 2013
www.richtek.com
1
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
2A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
Features
ACOTTM Mode Enables Fast Transient Response
4.5V to 18V Input Voltage Range
2A Output Current
High Efficient Internal N-MOSFET Optimized for
Lower Duty Cycle Applications
105m
Ω
Ω
Ω
Ω
Ω Internal Low Side N-MOSFET
Advanced Constant On-Time Control
Allows Ceramic Output Capacitor
700kHz Switching Frequency
Adjustable Output Voltage from 0.765V to 8V
Adjustable and Pre-biased Soft-Start
Cycle-by-Cycle Current Limit
Input Under Voltage Lockout
Thermal Shutdown
RoHS Compliant and Halogen Free
Applications
Industrial and Commercial Low Power Systems
Computer Peripherals
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation for High-Performance DSPs,
FPGAs, and ASICs
Simplified Application Circuit
General Description
The RT7274/79/80/81 is a synchronous step-down DC/
DC converter with Advanced Constant On-Time (ACOTTM)
mode control. It achieves high power density to deliver up
to 2A output current from a 4.5V to 18V input supply. The
proprietary ACOTTM mode offers an optimal transient
response over a wide range of loads and all kinds of ceramic
capacitors, which allows the device to adopt very low ESR
output capacitor for ensuring performance stabilization. In
addition, RT7274/79/80/81 keeps an excellent constant
switching frequency under line and load variation and the
integrated synchronous power switches with the ACOTTM
mode operation provides high efficiency in whole output
current load range. Cycle-by-cycle current limit provides
an accurate protection by a valley detection of low side
MOSFET and external soft-start setting eliminates input
current surge during startup. Protection functions indude
thermal shutdown for RT7274/79/80/81; output under
voltage protection and output over voltage protection for
RT7279/80 only.
RT7274/79/80/81
PVCC
PGND*
VIN
VIN
SS
VOUT
GND
EN
Input Signal
PGOOD*
Power Good
BOOT
SW
FB
VOUT*
VINR*
* : VINR pin for TSSOP-14 (Exposed Pad) only.
VOUT pin for TSSOP-14 (Exposed Pad) only.
PGND pin for TSSOP-14 (Exposed Pad) only.
PGOOD pin for TSSOP-14 (Exposed Pad) only.


Similar Part No. - RT7280

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7280GQW RICHTEK-RT7280GQW Datasheet
661Kb / 12P
Evaluation Board
More results

Similar Description - RT7280

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7277 RICHTEK-RT7277 Datasheet
311Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7231 RICHTEK-RT7231 Datasheet
300Kb / 18P
4A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7235 RICHTEK-RT7235 Datasheet
302Kb / 18P
5A, 18V, 650kHz, ACOTTM Synchronous Step-Down Converter
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
DS6203B RICHTEK-DS6203B Datasheet
416Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
RT6203B RICHTEK-RT6203B Datasheet
427Kb / 22P
5A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
RT6203E RICHTEK-RT6203E Datasheet
438Kb / 21P
6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
January 2019
RT6203F RICHTEK-RT6203F Datasheet
439Kb / 21P
6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
December 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com