Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8015 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8015
Description  2A, 2MHz, Synchronous Step-Down Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8015 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8015 Datasheet HTML 7Page - Richtek Technology Corporation RT8015 Datasheet HTML 8Page - Richtek Technology Corporation RT8015 Datasheet HTML 9Page - Richtek Technology Corporation RT8015 Datasheet HTML 10Page - Richtek Technology Corporation RT8015 Datasheet HTML 11Page - Richtek Technology Corporation RT8015 Datasheet HTML 12Page - Richtek Technology Corporation RT8015 Datasheet HTML 13Page - Richtek Technology Corporation RT8015 Datasheet HTML 14Page - Richtek Technology Corporation RT8015 Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
RT8015
13
DS8015-03
March 2011
www.richtek.com
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance
θJA. For RT8015 package, the Figure 3 of de-
rating curves allows the designer to see the effect of rising
ambient temperature on the maximum power allowed.
The thermal resistance
θJA of SOP-8 (Exposed Pad) is
determined by the package design and the PCB design.
However, the package design had been designed. If
possible, it
’ s useful to increase thermal performance by
the PCB design. The thermal resistance
θJA can be
decreased by adding a copper under the exposed pad of
SOP-8 (Exposed Pad) package.
As shown in Figure 4, the amount of copper area to which
the SOP-8 (Exposed Pad) is mounted affects thermal
performance. When mounted to the standard SOP-8
(Exposed Pad) pad (Figure 4.a),
θJA is 75°C/W. Adding
copper area of pad under the SOP-8 (Exposed Pad) (Figure
4.b) reduces the
θJA to 64°C/W. Even further, increasing
the copper area of pad to 70mm2 (Figure 4.e) reduces the
θJA to 49°C/W.
Figure 3. Derating Curve for Package
(b) Copper Area = 10mm
2,
θJA = 64°C/W
(c) Copper Area = 30mm
2,
θJA = 54°C/W
(a) Copper Area = (2.3 x 2.3) mm
2,
θJA = 75°C/W
Figure 4. Thermal Resistance vs. Copper Area Layout
Thermal Design
(d) Copper Area = 50mm
2,
θJA = 51°C/W
(e) Copper Area = 70mm
2,
θJA = 49°C/W
0
0.4
0.8
1.2
1.6
2
2.4
0
20
40
60
80
100
120
140
Ambient Temperature (
°C)
Copper Area
70mm
2
50mm
2
30mm
2
10mm
2
Min. layout
(
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com