Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8015 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8015
Description  2A, 2MHz, Synchronous Step-Down Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8015 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8015 Datasheet HTML 1Page - Richtek Technology Corporation RT8015 Datasheet HTML 2Page - Richtek Technology Corporation RT8015 Datasheet HTML 3Page - Richtek Technology Corporation RT8015 Datasheet HTML 4Page - Richtek Technology Corporation RT8015 Datasheet HTML 5Page - Richtek Technology Corporation RT8015 Datasheet HTML 6Page - Richtek Technology Corporation RT8015 Datasheet HTML 7Page - Richtek Technology Corporation RT8015 Datasheet HTML 8Page - Richtek Technology Corporation RT8015 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT8015
2
DS8015-03
March 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
SHDN/RT
Oscillator Resistor Input. Connecting a resistor to ground from this pin sets the
switching frequency. Forcing this pin to VDD causes the device to be shut down.
2,
9 (Exposed Pad)
GND
Signal Ground. All small-signal components and compensation components should
connect to this ground, which in turn connects to PGND at one point. The exposed
pad must be soldered to a large PCB and connected to GND for maximum power
dissipation.
3
LX
Internal Power MOSFET Switches Output. Connect this pin to the inductor.
4
PGND
Power Ground. Connect this pin close to the (
−) terminal of CIN and COUT.
5
PVDD
Power Input Supply. Decouple this pin to PGND with a capacitor.
6
VDD
Signal Input Supply. Decouple this pin to GND with a capacitor. Normally VDD is
equal to PVDD.
7
FB
Feedback Pin. Receives the feedback voltage from a resistive divider connected
across the output.
8
COMP
Error Amplifier Compensation Point. The current comparator threshold increases
with this control voltage. Connect external compensation elements to this pin to
stabilize the control loop.
Typical Application Circuit
Note : Using all Ceramic Capacitors
VOUT
L1 (uH)
COUT (uF)
R1 (k
Ω)
R2 (k
Ω)
RCOMP (kΩ) CCOMP (nF)
3.3V
2.2
22
750
240
13
1
2.5V
2.2
22
510
240
13
1
1.8V
1.0
22
300
240
7.5
1.5
1.2V
1.0
22
120
240
7.5
1.5
Recommended Component for Different Output Voltage Applications
6
VDD
PVDD
5
RT8015
VIN
2.6V to 5.5V
4
PGND
SHDN/RT
1
LX
3
COMP
FB 7
8
GND
2,
Exposed
Pad (9)
ROSC
332k
CIN
22uF
L1
2.2uH
R1
510k
R2
240k
COUT
22uF
RCOMP 13k
CCOMP
1nF
VOUT
2.5V/2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com