Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP01AX Datasheet(PDF) 13 Page - Analog Devices

Part # AMP01AX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01AX Datasheet(HTML) 13 Page - Analog Devices

Back Button AMP01AX Datasheet HTML 9Page - Analog Devices AMP01AX Datasheet HTML 10Page - Analog Devices AMP01AX Datasheet HTML 11Page - Analog Devices AMP01AX Datasheet HTML 12Page - Analog Devices AMP01AX Datasheet HTML 13Page - Analog Devices AMP01AX Datasheet HTML 14Page - Analog Devices AMP01AX Datasheet HTML 15Page - Analog Devices AMP01AX Datasheet HTML 16Page - Analog Devices AMP01AX Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AMP01
–13–
REV. D
VOLTAGE GAIN, G =
20
RS
RG1
(
)
AV = 500 WITH COMPONENTS SHOWN
*
+15V
C1
0.047 F
+
C5
10 F
R5
*
*
SENSE
OUTPUT
*SOLDER LINK
REFERENCE
*
GROUND
R3
C4
0.047 F
+
C6
10 F
C2
0.047 F
VR1
100k
VR2
100k
RG1
400
+IN
–IN
RG3
200
RG2
200
741
+15V
–15V
GUARD
DRIVE
R2
1M
R1
1M
SIGNAL
GROUND
RS
10k
C3
0.047 F
–15V
R4
RS
NC
*
AMP01
RS
VIOS
NULL
VOOS
NULL
V+
V–
RG
RG
15
14
6
13
12
7
18
1
2
3
16
17
4
5
10
11
8
9
7
6
4
3
2
Figure 31. AMP01 Evaluation Circuit Showing Guard-Drive Connection
HOLD
CAPACITOR
C = 0.047 F CERAMIC CAPACITORS
DIGITAL
DATA
OUTPUT
ANALOG
GROUND
DIGITAL
GROUND
ADC
C
C
7
8
9
OUTPUT
REFERENCE
SMP-11
SAMPLE AND HOLD
C
+
4.7 F
DIGITAL
GROUND
C
C
0V
+5V
DIGITAL
POWER SUPPLY
–15V
+15V
0V
ANALOG
POWER SUPPLY
C
C
AMP01
Figure 32. Basic Grounding Practice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com