Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP01AX Datasheet(PDF) 3 Page - Analog Devices

Part # AMP01AX
Description  Low Noise, Precision Instrumentation Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP01AX Datasheet(HTML) 3 Page - Analog Devices

  AMP01AX Datasheet HTML 1Page - Analog Devices AMP01AX Datasheet HTML 2Page - Analog Devices AMP01AX Datasheet HTML 3Page - Analog Devices AMP01AX Datasheet HTML 4Page - Analog Devices AMP01AX Datasheet HTML 5Page - Analog Devices AMP01AX Datasheet HTML 6Page - Analog Devices AMP01AX Datasheet HTML 7Page - Analog Devices AMP01AX Datasheet HTML 8Page - Analog Devices AMP01AX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ELECTRICAL CHARACTERISTICS
AMP01E
AMP01F/G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Units
OFFSET VOLTAGE
Input Offset Voltage
VIOS
TA = +25
°C
2050
40100
µV
TMIN
≤ T
A
≤ T
MAX
40
80
60
150
µV
Input Offset Voltage Drift
TCVIOS
TMIN
≤ T
A
≤ T
MAX
1
0.15
0.3
0.3
1.0
µV/°C
Output Offset Voltage
VOOS
TA = +25
°C1
3
2
6
mV
TMIN
≤ T
A
≤ T
MAX
36
610
mV
Output Offset Voltage Drift
TCVOOS
RG =
∞1
TMIN
≤ T
A
≤ T
MAX
20
100
50
120
µV/°C
Offset Referred to Input
PSR
G = 1000
120
130
110
120
dB
vs. Positive Supply
G = 100
110
130
100
120
dB
V+ = +5 V to +15 V
G = 10
95
110
90
100
dB
G = 1
75
90
70
80
dB
TMIN
≤ T
A
≤ T
MAX
G = 1000
120
130
110
120
dB
G = 100
110
130
100
120
dB
G = 10
95
110
90
100
dB
G = 1
75
90
70
80
dB
Offset Referred to Input
PSR
G = 1000
110
125
105
115
dB
vs. Negative Supply
G = 100
95
105
90
95
dB
V– = –5 V to –15 V
G = 10
75
85
70
75
dB
G = 1
55
65
50
60
dB
TMIN
≤ T
A
≤ T
MAX
G = 1000
110
125
105
115
dB
G = 100
95
105
90
95
dB
G = 10
75
85
70
75
dB
G = 1
55
85
50
60
dB
Input Offset Voltage Trim
Range
VS =
±4.5 V to ±18 V2
±6
±6mV
Output Offset Voltage Trim
Range
VS =
±4.5 V to ±18 V2
±100
±100
mV
INPUT CURRENT
Input Bias Current
IB
TA = +25
°C1
4
2
6
mV
TMIN
≤ T
A
≤ T
MAX
410
6
15
mV
Input Bias Current Drift
TCIB
TMIN
≤ T
A
≤ T
MAX
40
50
pA/
°C
Input Offset Current
IOS
TA = +25
°C
0.2
1.0
0.5
2.0
mV
TMIN
≤ T
A
≤ T
MAX
0.5
3.0
1.0
6.0
mV
Input Offset Current Drift
TCIOS
TMIN
≤ T
A
≤ T
MAX
3
5
pA/
°C
INPUT
Input Resistance
RIN
Differential, G = 1000
1
1
G
Ω
Differential, G
≤ 100
10
10
G
Ω
Common Mode, G = 1000
20
20
G
Ω
Input Voltage Range
IVR
TA = +25
°C3
±10.5
±10.5
V
TMIN
≤ T
A
≤ T
MAX
±10.0
±10.0
V
Common-Mode Rejection
CMR
VCM =
±10 V, 1 kΩ
Source Imbalance
G = 1000
125
130
115
125
dB
G = 100
120
130
110
125
dB
G = 10
100
120
95
110
dB
G = 1
85
100
75
90
dB
TMIN
≤ T
A
≤ T
MAX
G = 1000
120
125
110
120
dB
G = 100
115
125
105
120
dB
G = 10
95
115
90
105
dB
G = 1
80
95
75
90
dB
NOTES
1Sample tested.
2V
IOS and VOOS nulling has minimal affect on TCVIOS and TCVOOS, respectively.
3Refer to section on common-mode rejection.
Specifications subject to change without notice.
(@ VS =
15 V, RS = 10 k , RL = 2 k , TA = +25 C, –25 C
≤ T
A
≤ +85 C for E, F
grades, 0 C
≤ T
A
≤ +70 C for G grade, unless otherwise noted)
AMP01
–3–
REV. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com