Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMPAD708 Datasheet(PDF) 3 Page - Analog Devices

Part # AMPAD708
Description  Ultralow Offset Voltage Dual Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMPAD708 Datasheet(HTML) 3 Page - Analog Devices

  AMPAD708 Datasheet HTML 1Page - Analog Devices AMPAD708 Datasheet HTML 2Page - Analog Devices AMPAD708 Datasheet HTML 3Page - Analog Devices AMPAD708 Datasheet HTML 4Page - Analog Devices AMPAD708 Datasheet HTML 5Page - Analog Devices AMPAD708 Datasheet HTML 6Page - Analog Devices AMPAD708 Datasheet HTML 7Page - Analog Devices AMPAD708 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD708J/A
AD708B
AD708S
Model
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
POWER SUPPLY
Quiescent Current
4.5
5.5
4.5
5.5
4.5
5.5
mA
Power Consumption
VS = ± 15 V
No Load
135
165
135
165
135
165
mW
VS = ± 3 V
12
18
12
18
12
18
mW
Operating Range
±3
±18
±3
±18
±3
±18
V
NOTES
1Input offset voltage specifications are guaranteed after 5 minutes of operation at T
A = +25°C.
2Matching is defined as the difference between parameters of the two amplifiers.
All min and max specifications are guaranteed. Specifications in boldface are tested on all production units at final electrical test. Results from those tests are used to
calculate outgoing quality levels.
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
Internal Power Dissipation
2
Input Voltage
3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Output Short Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Differential Input Voltage . . . . . . . . . . . . . . . . . . +VS and –VS
Storage Temperature Range (Q, H) . . . . . . . –65
°C to +150°C
Storage Temperature Range (N) . . . . . . . . . –65
°C to +125°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2Thermal Characteristics
8-Pin Plastic Package:
θ
JC = 33°C/Watt, θJA = 100°C/Watt
8-Pin Cerdip package:
θ
JC = 30°C/Watt, θJA = 110°C/Watt
8-Pin Metal Can Package:
θ
JC = 65°C/Watt, θJA = 150°C/Watt.
3For supply voltages less than
±22 V, the absolute maximum input voltage is
equal to the supply voltage.
METALIZATION PHOTOGRAPH
Dimensions shown in inches and (mm).
Contact factory for latest dimensions.
REV. B
–3–
AD708
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option*
AD708JN
0
°C to +70°C
8-Pin Plastic DIP
N-8
AD708AQ
–40
°C to +85°C
8-Pin Cerdip
Q-8
AD708BQ
–40
°C to +85°C
8-Pin Cerdip
Q-8
AD708SQ
–55
°C to +125°C
8-Pin Cerdip
Q-8
AD708AH
–40
°C to +85°C
8-Pin Header
H-08A
AD708BH
–40
°C to +85°C
8-Pin Header
H-08A
AD708SH
–55
°C to +125°C
8-Pin Header
H-08A
AD708SH/883B
–55
°C to +125°C
8-Pin Header
H-08A
AD708J Grade Chips
0
°C to +70°C
Die
AD708S Grade Chips
–55
°C to +125°C
Die
*N = Plastic DIP; Q = Cerdip; H = Hermetic Metal Can.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com