Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMPAD708 Datasheet(PDF) 1 Page - Analog Devices

Part # AMPAD708
Description  Ultralow Offset Voltage Dual Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMPAD708 Datasheet(HTML) 1 Page - Analog Devices

  AMPAD708 Datasheet HTML 1Page - Analog Devices AMPAD708 Datasheet HTML 2Page - Analog Devices AMPAD708 Datasheet HTML 3Page - Analog Devices AMPAD708 Datasheet HTML 4Page - Analog Devices AMPAD708 Datasheet HTML 5Page - Analog Devices AMPAD708 Datasheet HTML 6Page - Analog Devices AMPAD708 Datasheet HTML 7Page - Analog Devices AMPAD708 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CONNECTION DIAGRAMS
TO-99 (H) Package
Plastic (N ), and Cerdip (Q) Packages
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Ultralow Offset Voltage
Dual Op Amp
AD708
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Very High DC Precision
30
V max Offset Voltage
0.3
V/ C max Offset Voltage Drift
0.35
V p-p max Voltage Noise (0.1 Hz to 10 Hz)
5 Million V/V min Open Loop Gain
130 dB min CMRR
120 dB min PSRR
Matching Characteristics
30
V max Offset Voltage Match
0.3
V/ C max Offset Voltage Drift Match
130 dB min CMRR Match
Single Version: AD707
Available in 8-Pin Plastic Mini-DIP,
Hermetic Cerdip and TO-99 Metal Can
Packages, Chips and /883B Parts Available.
PRODUCT DESCRIPTION
The AD708 is a very high precision, dual monolithic operational
amplifier. Each amplifier individually offers excellent dc precision
with the best available max offset voltage and offset voltage drift
of any dual bipolar op amp. In addition, the matching specifica-
tions are the best available in any dual op amp.
The AD708 sets a new standards for dual precision op amps by
providing 5 V/
µV min open loop gain and guaranteed max input
voltage noise of 350 nV p-p (0.1 Hz to 10 Hz). All dc specifica-
tions show excellent stability over temperature, with offset
voltage drift typically 0.1
µV/°C and input bias current drift of
25 pA/
°C max. Both CMRR (130 dB min) and PSRR (120 dB
min) are an order of magnitude improved over any available
single monolithic op amp except the AD707.
The AD708 is available in four performance grades. The
AD708J is rated over the commercial temperature range of 0
°C
to +70
°C and jis available in a plastic mini-DIP package. The
AD708A and AD708B are rated over the industrial temperature
range of –40
°C to +85°C and are available in a cerdip and TO-
99 package. The AD708S is rated over the military temperature
range of –55
°C to +125°C and is available in cerdip and TO-99
packages. Military versions are available processed to MIL-
STD-883B, Rev. C.
APPLICATION HIGHLIGHTS
1. The combination of outstanding matching and individual
specifications make the AD708 ideal for constructing high
gain, precision instrumentation amplifiers.
2. The low offset voltage drift and low noise of the AD708
allows the designer to amplify very small signals without
sacrificing overall system performance.
3. The AD708’s 10 V/
µV typical open loop gain and 140 dB
common-mode rejection make it ideal for precision
applications.
4. Unmounted dice are available for hybrid circuit applications.
5. The AD708 is an improved replacement for the LT1002.


Similar Part No. - AMPAD708

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
AMPA EVERLIGHT-AMPA Datasheet
93Kb / 6P
This precision optical performance oval LED is specifically designed for passenger information signs
logo
Advanced Micro Devices
AMPAL20L10-20 AMD-AMPAL20L10-20 Datasheet
1Mb / 23P
PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
AMPAL20L10AL AMD-AMPAL20L10AL Datasheet
1Mb / 23P
PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
AMPAL20L10B AMD-AMPAL20L10B Datasheet
1Mb / 23P
PAL20X10A Series - XOR Registered 24-pin TTL Programmable Array Logic
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
More results

Similar Description - AMPAD708

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD647 AD-AD647 Datasheet
378Kb / 6P
Ultralow Drift, Dual BiFET Op Amp
AD708 AD-AD708 Datasheet
415Kb / 8P
Ultralow Offset Voltage Dual Op Amp
REV.B
OP07 AD-OP07 Datasheet
448Kb / 10P
Ultralow Offset Voltage Dual Operational Amplifier
AD797 AD-AD797 Datasheet
406Kb / 16P
Ultralow Distortion, Ultralow Noise Op Amp
REV.C
AD8599 AD-AD8599 Datasheet
449Kb / 16P
Dual Ultralow Distortion, Ultralow Noise Op Amp
2/07-Revision 0
AD708 AD-AD708_06 Datasheet
351Kb / 16P
Ultralow Offset Voltage Dual Op Amp
REV. C
AD707CH AD-AD707CH Datasheet
268Kb / 8P
Ultralow Drift Op Amp
REV. B
AD647 AD-AD647_15 Datasheet
385Kb / 6P
Ultralow Drift, Dual BiFET Op Amp
REV. A
AD707 AD-AD707_15 Datasheet
329Kb / 8P
Ultralow Drift Op Amp
REV. B
AD708 AD-AD708_15 Datasheet
352Kb / 16P
Ultralow Offset Voltage Dual Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com