Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08 Datasheet(PDF) 10 Page - Analog Devices

Part # DAC08
Description  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08 Datasheet(HTML) 10 Page - Analog Devices

Back Button DAC08 Datasheet HTML 4Page - Analog Devices DAC08 Datasheet HTML 5Page - Analog Devices DAC08 Datasheet HTML 6Page - Analog Devices DAC08 Datasheet HTML 7Page - Analog Devices DAC08 Datasheet HTML 8Page - Analog Devices DAC08 Datasheet HTML 9Page - Analog Devices DAC08 Datasheet HTML 10Page - Analog Devices DAC08 Datasheet HTML 11Page - Analog Devices DAC08 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DAC08
–10–
REV. A
REFERENCE AMPLIFIER COMPENSATION FOR
MULTIPLYING APPLICATIONS
AC reference applications will require the reference amplifier to
be compensated using a capacitor from pin 16 to V–. The value
of this capacitor depends on the impedance presented to pin 14:
for R14 values of 1.0, 2.5 and 5.0 k
Ω, minimum values of C
C
are 15, 37, and 75 pF. Larger values of R14 require proportion-
ately increased values of CC for proper phase margin, such that
the ratio of CC (pF) to R14 (k
Ω) = 15.
For fastest response to a pulse, low values of R14 enabling small
CC values should be used. If pin 14 is driven by a high imped-
ance such as a transistor current source, none of the above val-
ues will suffice and the amplifier must be heavily compensated
which will decrease overall bandwidth and slew rate. For R14 =
1 k
Ω and C
C = 15 pF, the reference amplifier slews at 4 mA/
µs
enabling a transition from IREF = 0 to IREF = 2 mA in 500 ns.
Operation with pulse inputs to the reference amplifier may be
accommodated by an alternate compensation scheme. This
technique provides lowest full-scale transition times. An internal
clamp allows quick recovery of the reference amplifier from a
cutoff (IREF = 0) condition. Full-scale transition (0 mA to 2 mA)
occurs in 120 ns when the equivalent impedance at pin 14 is
200
Ω and C
C = 0. This yields a reference slew rate of 16 mA/
µs
which is relatively independent of RIN and VIN values.
LOGIC INPUTS
The DAC08 design incorporates a unique logic input circuit
which enables direct interface to all popular logic families and
provides maximum noise immunity. This feature is made pos-
sible by the large input swing capability, 2
µA logic input cur-
rent and completely adjustable logic threshold voltage. For V– =
–15 V, the logic inputs may swing between –10 V and +18 V.
This enables direct interface with +15 V CMOS logic, even
when the DAC08 is powered from a +5 V supply. Minimum in-
put logic swing and minimum logic threshold voltage are given
by: V– plus ( IREF × 1 kΩ) plus 2.5 V. The logic threshold may
be adjusted over a wide range by placing an appropriate voltage
at the logic threshold control pin (pin 1, VLC). The appropriate
graph shows the relationship between VLC and VTH over the
temperature range, with VTH nominally 1.4 above VLC. For
TTL and DTL interface, simply ground pin 1. When interfacing
ECL, an IREF = 1 mA is recommended. For interfacing other
logic families, see preceding page. For general set-up of the logic
control circuit, it should be noted that pin 1 will source 100
µA
typical; external circuitry should be designed to accommodate
this current.
Fastest settling times are obtained when pin 1 sees a low imped-
ance. If pin 1 is connected to a 1 k
Ω divider, for example, it
should be bypassed to ground by a 0.01
µF capacitor.
ANALOG OUTPUT CURRENTS
Both true and complemented output sink currents are provided
where IO + I
O = IFS. Current appears at the “true” (IO) output
when a “1” (logic high) is applied to each logic input. As the bi-
nary count increases, the sink current at pin 4 increases propor-
tionally, in the fashion of a “positive logic” D/A converter. When a
“0” is applied to any input bit, that current is turned off at pin 4
and turned on at pin 2. A decreasing logic count increases I
O as
in a negative or inverted logic D/A converter. Both outputs may
be used simultaneously. If one of the outputs is not required it
must be connected to ground or to a point capable of sourcing
IFS; do not leave an unused output pin open.
Both outputs have an extremely wide voltage compliance en-
abling fast direct current-to-voltage conversion through a resis-
tor tied to ground or other voltage source. Positive compliance
is 36 V above V– and is independent of the positive supply.
Negative compliance is given by V– plus (IREF
× 1 kΩ) plus 2.5 V.
The dual outputs enable double the usual peak-to-peak load
swing when driving loads in quasi-differential fashion. This fea-
ture is especially useful in cable driving, CRT deflection and in
other balanced applications such as driving center-tapped coils
and transformers.
POWER SUPPLIES
The DAC08 operates over a wide range of power supply volt-
ages from a total supply of 9 V to 36 V. When operating at sup-
plies of
±5 V or less, I
REF
≤ 1 mA is recommended. Low
reference current operation decreases power consumption and
increases negative compliance, reference amplifier negative
common-mode range, negative logic input range, and negative
logic threshold range; consult the various figures for guidance.
For example, operation at –4.5 V with IREF = 2 mA is not rec-
ommended because negative output compliance would be re-
duced to near zero. Operation from lower supplies is possible,
however at least 8 V total must be applied to insure turn-on of
the internal bias network.
Symmetrical supplies are not required, as the DAC08 is quite
insensitive to variations in supply voltage. Battery operation is
feasible as no ground connection is required: however, an artifi-
cial ground may be used to insure logic swings, etc. remain be-
tween acceptable limits.
Power consumption may be calculated as follows:
Pd = (I+) (V+) + (I–) (V–). A useful feature of the DAC08 design
is that supply current is constant and independent of input logic
states; this is useful in cryptographic applications and further
serves to reduce the size of the power supply bypass capacitors.
TEMPERATURE PERFORMANCE
The nonlinearity and monotonicity specifications of the DAC08
are guaranteed to apply over the entire rated operating tempera-
ture range. Full-scale output current drift is low, typically
±10 ppm/°C, with zero-scale output current and drift essentially
negligible compared to 1/2 LSB.
The temperature coefficient of the reference resistor R14 should
match and track that of the output resistor for minimum overall
full-scale drift. Settling times of the DAC08 decrease approxi-
mately 10% at –55
°C; at +125°C an increase of about 15%
is typical.
The reference amplifier must be compensated by using a capaci-
tor from pin 16 to V–. For fixed reference operation, a 0.01
µF
capacitor is recommended. For variable reference applications,
see previous section entitled “Reference Amplifier Compensa-
tion for Multiplying Applications”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com