Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC08 Datasheet(PDF) 3 Page - Analog Devices

Part # DAC08
Description  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08 Datasheet(HTML) 3 Page - Analog Devices

  DAC08 Datasheet HTML 1Page - Analog Devices DAC08 Datasheet HTML 2Page - Analog Devices DAC08 Datasheet HTML 3Page - Analog Devices DAC08 Datasheet HTML 4Page - Analog Devices DAC08 Datasheet HTML 5Page - Analog Devices DAC08 Datasheet HTML 6Page - Analog Devices DAC08 Datasheet HTML 7Page - Analog Devices DAC08 Datasheet HTML 8Page - Analog Devices DAC08 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PIN CONNECTIONS
16-Pin Dual-In-Line Package
(Q Suffix)
16-Lead SO
(S Suffix)
DAC08RC/883 20-Lead LCC
(RC Suffix)
NC = NO CONNECT
ABSOLUTE MAXIMUM RATINGS
1
Operating Temperature
DAC08AQ, Q . . . . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
DAC08HQ, EQ, CQ, HP, EP, CP, CS . . . . . 0
°C to +70°C
Junction Temperature (TJ) . . . . . . . . . . . . . . –65
°C to +150°C
Storage Temperature Q Package . . . . . . . . . . –65
°C to +150°C
Storage Temperature P Package . . . . . . . . . . –65
°C to +125°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . . 300
°C
V+ Supply to V– Supply . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . V– to V– plus 36 V
VLC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V– to V+
Analog Current Outputs (at VS– = 15 V) . . . . . . . . . . 4.25 mA
Reference Input (V14 to V15) . . . . . . . . . . . . . . . . . . . V– to V+
Reference Input Differential Voltage
(V14 to V15) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Reference Input Current (I14) . . . . . . . . . . . . . . . . . . . 5.0 mA
Package Type
JA
2
JC
Units
16-Pin Hermetic DIP (Q)
100
16
°C/W
16-Pin Plastic DIP (P)
82
39
°C/W
20-Contact LCC (RC)
76
36
°C/W
16-Pin SO (S)
111
35
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2
θ
JA is specified for worst case mounting conditions, i.e., θJA is specified for device
in socket for cerdip, P-DIP, and LCC packages;
θ
JA is specified for device soldered
to printed circuit board for SO package.
ORDERING GUIDE
1
16-Pin Dual-In-Line Package
Operating
Temperature
NL
Hermetic
Plastic
LCC
Range
0.1%
DAC08AQ
2
MIL
DAC08HQ
DAC08HP
COM
0.19%
DAC08Q
2
DAC08RC/883
MIL
DAC08EQ
DAC08EP
COM
0.39%
DAC08CQ
DAC08CP
COM
DAC08CS
3
COM
NOTES
1Burn-in is available on commercial and industrial temperature range parts in
cerdip, plastic DIP, and TO-can packages.
2For devices processed in total compliance to MIL-STD-883, add /883 after
part number. Consult factory for 883 data sheet.
3For availability and burn-in information on SO and PLCC packages, contact
your local sales office.
TYPICAL ELECTRICAL CHARACTERISTICS
All Grades
Parameter
Symbol
Conditions
Typical
Units
Reference Input Slew Rate
dI/dt
8
mA/
µs
Propagation Delay
tPLH, tPHL
TA = 25
°C, Any Bit
35
ns
Settling Time
tS
To +1/2 LSB, All Bits
Switched ON or OFF,
85
ns
TA = 25
°C
NOTES
For DAC08NT & GT 25
°C characteristics, see DAC08N & G characteristics respectively.
Specifications subject to change without notice
(@ VS =
15 V, and IREF = 2.0 mA, unless otherwise noted. Output
characteristics apply to both IOUT and IOUT .)
DAC08
–3–
REV. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com