Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC16 Datasheet(PDF) 12 Page - Analog Devices

Part # DAC16
Description  16-Bit High Speed Current-Output DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC16 Datasheet(HTML) 12 Page - Analog Devices

Back Button DAC16 Datasheet HTML 4Page - Analog Devices DAC16 Datasheet HTML 5Page - Analog Devices DAC16 Datasheet HTML 6Page - Analog Devices DAC16 Datasheet HTML 7Page - Analog Devices DAC16 Datasheet HTML 8Page - Analog Devices DAC16 Datasheet HTML 9Page - Analog Devices DAC16 Datasheet HTML 10Page - Analog Devices DAC16 Datasheet HTML 11Page - Analog Devices DAC16 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
DAC16
REV. B
–12–
In using high speed op amps, the output capacitance of the
DAC16 appears across the inputs of the op amp where it and the
op amp’s input capacitance will set an additional pole in the op
amp’s loop gain response. The pole is formed with the feedback
resistance and the output resistance of the DAC. This additional
pole may adversely affect the transient response of the circuit
due to the added phase shift. Placing a small capacitor across the
feedback resistance, as shown in Figure 28, compensates for the
additional pole. The value of the capacitor can be determined by
setting RFBCFB = RO (CO + CIN) and should be adjusted for opti-
mum transient response.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Lead Epoxy DIP (P)
(N-24)
24
1
12
13
PIN 1
1.275 (32.30)
1.125 (28.60)
0.280 (7.11)
0.240 (6.10)
0.195 (4.95)
0.115 (2.93)
0.015 (0.381)
0.008 (0.204)
0.325 (8.25)
0.300 (7.62)
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.210
(5.33)
MAX
0.022 (0.558)
0.014 (0.356)
0.200 (5.05)
0.125 (3.18)
0.150
(3.81)
MIN
0.100
(2.54)
BSC
0.070 (1.77)
0.045 (1.15)
24-Lead Epoxy SOL (S)
(R-24)
0.0125 (0.32)
0.0091 (0.23)
8
0
0.0291 (0.74)
0.0098 (0.25)
45
0.0500 (1.27)
0.0157 (0.40)
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
24
13
12
1
0.4193 (10.65)
0.3937 (10.00)
0.2992 (7.60)
0.2914 (7.40)
PIN 1
0.6141 (15.60)
0.5985 (15.20)
The choice of amplifier depends entirely on the required system
accuracy, the required temperature range, and the operating
frequency.
IDAC
RO
CO
RFB
CIN
CFB
VOUT
DAC16
Figure 28. Compensating for the Feedback Pole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com