Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8335TLE Datasheet(PDF) 6 Page - Texas Instruments

Part # LM8335TLE
Description  LM8335 General Purpose Output Expander with MIPI짰 RFFE Host Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8335TLE Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM8335TLE Datasheet HTML 2Page - Texas Instruments LM8335TLE Datasheet HTML 3Page - Texas Instruments LM8335TLE Datasheet HTML 4Page - Texas Instruments LM8335TLE Datasheet HTML 5Page - Texas Instruments LM8335TLE Datasheet HTML 6Page - Texas Instruments LM8335TLE Datasheet HTML 7Page - Texas Instruments LM8335TLE Datasheet HTML 8Page - Texas Instruments LM8335TLE Datasheet HTML 9Page - Texas Instruments LM8335TLE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LM8335
SNVS840 – JUNE 2012
www.ti.com
Operating Ratings
Min
Max
Unit
RFFE Supply Voltage (VIO)
1.65
1.95
V
RFFE Supply Noise (VIO)
25
mVpp
Core Supply Voltage (VDD)
1.65
1.95
V
Core Supply Noise (VDD)
25
mVpp
GPO Supply Voltage (VDDIO)
1.65
3.60
V
GPO Supply Noise (VDDIO)
50
mVpp
DC Electrical Characteristics: General (ADR, CFG)
(1) (2)
TA: −30°C to +85°C, VIO = 1.8V ± 0.15V, VDD = 1.8V ± 0.15V, VDDIO = 3.3V ± 0.3V (unless otherwise specified).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Minimim high-level input voltage
VIH
0.7 * VDD
VDD+ 0.2
(ADR, CFG)
V
Maximum low-level input voltage
VIL
−0.2
0.3 * VDD
(ADR, CFG)
Logic high-level input current
IIH
VIN = VDD
2
(ADR, CFG)
µA
Logic low-level input current (ADR,
IIL
VIN = GND
−2
CFG)
(1)
All voltages are with respect to the GND pin.
(2)
Min and Max Limits are specified by design, test, or statistical analysis. Typical (Typ.) numbers are not specified, but do represent the
most likely norm. Unless otherwise specified conditions for typical specifications are: VDD = 1.8V, VDDIO = 3.3V, VIO = 1.8V, TA = +25°C.
DC Electrical Characteristics: GPO (GPO_x, VDD, VDDIO)
(1) (2)
TA: −30°C to +85°C, VIO = 1.8V ± 0.15V, VDD = 1.8V ± 0.15V; VDDIO = 3.3V ± 0.3V (unless otherwise specified).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IOH = −12 mA
(VDDIO = 3.3V ± 0.3V)
0.7 * VDDIO
VOH
Minimum high-level output voltage
IOH = −4 mA
V
(VDDIO = 1.8V ± 0.15V)
IOH = −10 µA
VDDIO − 0.2
IOL = 12 mA
0.4
(VDDIO = 3.3V ± 0.3V)
VOL
Maximum low-level output voltage
IOL = 4 mA
V
0.4
(VDDIO = 1.8V ± 0.15V)
IOL = 10 µA
0.2
(VDDIO = 3.3V ± 0.3V)
−12
IOH
Logic high-level output current
mA
(VDDIO = 1.8V ± 0.15V)
−4
(VDDIO = 3.3V ± 0.3V)
12
IOL
Logic low-level output current
mA
(VDDIO = 1.8V ± 0.15V)
4
IOZ
High-Z leakage current
0 < VPIN < VDDIO
−2
2
µA
(VDDIO = 3.3V ± 0.3V)
−60
−200
IPU
Pull-Up current
µA
(VDDIO = 1.8V ± 0.15V)
−9
-60
(VDDIO = 3.3V ± 0.3V)
60
200
IPD
Pull-Down current
µA
(VDDIO = 1.8V ± 0.15V)
9
60
ISTBY
VDD supply standby current
TA = 25°C, VIO = 1.8V,
2.5
VDD = 1.8V, VDDIO = 3.3V,
GPO_X = high-z, PU & PD
µA
ISTBYIO
VDDIO supply standby current
2.5
disabled
SCLK = Low
(1)
All voltages are with respect to the GND pin.
(2)
Min and Max Limits are specified by design, test, or statistical analysis. Typical (Typ.) numbers are not specified, but do represent the
most likely norm. Unless otherwise specified conditions for typical specifications are: VDD = 1.8V, VDDIO = 3.3V, VIO = 1.8V, TA = +25°C.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM8335



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com