Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8335TLE Datasheet(PDF) 11 Page - Texas Instruments

Part # LM8335TLE
Description  LM8335 General Purpose Output Expander with MIPI짰 RFFE Host Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM8335TLE Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM8335TLE Datasheet HTML 7Page - Texas Instruments LM8335TLE Datasheet HTML 8Page - Texas Instruments LM8335TLE Datasheet HTML 9Page - Texas Instruments LM8335TLE Datasheet HTML 10Page - Texas Instruments LM8335TLE Datasheet HTML 11Page - Texas Instruments LM8335TLE Datasheet HTML 12Page - Texas Instruments LM8335TLE Datasheet HTML 13Page - Texas Instruments LM8335TLE Datasheet HTML 14Page - Texas Instruments LM8335TLE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LM8335
www.ti.com
SNVS840 – JUNE 2012
Table 1. Register Listing (continued)
Register Name
Addr
Bit
Default
Description
GPO output data mask
0 = GPO_OUT_DATA masked
1 = GPO_OUT_DATA unmasked
0xFF
Note: Only the GPO_OUT_DATA register write is affected by
(CFG=0) or
GPO_OUT_MASK
0x04
7:0
the GPO_OUT_MASK register. When the GPO_OUT_MASK
0x00
bit is set low (masked), writing to GPO_OUT_DATA register
(CFG=1)
will leave the pin state unchanged. When the
GPO_OUT_MASK bit is set high (unmasked), the GPO output
will be updated when the GPO_OUT_DATA is written (only
GPOs that are unmasked will be changed).
GPO output data
0 = pin set low
1 = pin set high
GPO_OUT_DATA
0x05
7:0
0x00
Note: GPO_OUT_HIGH_CFG register selects if the pin is
driven or high-z. The pin state will follow GPO_OUT_DATA
only if the corresponding bit is unmasked in the
GPO_OUT_MASK register.
MIPI RFFE power mode and trigger register
PM_TRIG
0x1C
7:0
0x00
Bits 7:6 = PWR_MODE
Bits 5:0 = TRIG_REG
This is a MIPI RFFE reserved read only register and can not
be read since readback is not supported on this device.
PROD_ID
0x1D
7:0
0xC4
Bits 7:0 = PRODUCT_ID [7:0]
The product ID is provided as information only to support the
RFFE USID programming feature.
This is a MIPI RFFE reserved read-only register and can not
be read since readback is not supported on this device.
MAN_ID
0x1E
7:0
0x02
Bits 7:0 = MANUFACTURER_ID [7:0]
The manufacturer ID is provided as information only to support
the RFFE USID programming feature.
0x11
This MIPI RFFE reserved register
(ADR=0)
or
Bits 7:6 = SPARE
0x19
Bits 5:4 = MANUFACTURER_ID [9:8] = 1
(ADR=1)
Bits 3:0 = Programmable Unique Slave Identifier
— ADR=Low, USID[3:0]=0001
USID_REG
0x1F
7:0
— ADR=High, USID[3:0]=1001
Note: The USID is initially set based on the state of the ADR
pin (default value when ADR=Low shown). This register can
not be read since readback is not supported on this device.
USID_REG[5:4] are provided as information only to support
the RFFE USID programming feature.
Table 2. General Bit Field Layout for GPO_x Registers
7
6
5
4
3
2
1
0
GPO_7
GPO_6
GPO_5
GPO_4
GPO_3
GPO_2
GPO_1
GPO_0
Table 3. CNTL_REG Register Bit Fields
7
6
5
4
3
2
1
0
rsvd
rsvd
rsvd
rsvd
rsvd
rsvd
rsvd
SW_RESET
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM8335



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com