Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91051 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91051
Description  Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP91051 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP91051 Datasheet HTML 9Page - Texas Instruments LMP91051 Datasheet HTML 10Page - Texas Instruments LMP91051 Datasheet HTML 11Page - Texas Instruments LMP91051 Datasheet HTML 12Page - Texas Instruments LMP91051 Datasheet HTML 13Page - Texas Instruments LMP91051 Datasheet HTML 14Page - Texas Instruments LMP91051 Datasheet HTML 15Page - Texas Instruments LMP91051 Datasheet HTML 16Page - Texas Instruments LMP91051 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VDD (V)
PGA ALL ON
PGA2 ON
PGA1 ON
2.5
3.0
3.5
4.0
4.5
5.0
5.5
60
70
80
90
100
110
120
VDD (V)
-50
-25
0
25
50
75
100
-5
-4
-3
-2
-1
0
TEMPERATURE (°C)
-50
-25
0
25
50
75
100
0
1
2
3
4
5
TEMPERATURE (°C)
G = 1002 V/V
-50
-25
0
25
50
75
100
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE (°C)
G = 1002 V/V
-50
-25
0
25
50
75
100
1.150
1.152
1.154
1.156
1.158
1.160
TEMPERATURE (°C)
LMP91051
www.ti.com
SNAS581A – MARCH 2012 – REVISED NOVEMBER 2012
Typical Performance Characteristics (continued)
VDD = +3.3V, VCM = 1.15V, and TA = 25°C unless otherwise noted
Output Offset
Common Mode Voltage
vs.
vs.
Temperature
Temperature
Input Bias Current
Supply Current
vs.
vs.
Temperature
Temperature
Supply Current
Power Down Supply Current
vs.
vs.
Supply Voltage
Supply Voltage
Copyright © 2012, Texas Instruments Incorporated
13
Product Folder Links: LMP91051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com