Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91051 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91051
Description  Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP91051 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMP91051 Datasheet HTML 13Page - Texas Instruments LMP91051 Datasheet HTML 14Page - Texas Instruments LMP91051 Datasheet HTML 15Page - Texas Instruments LMP91051 Datasheet HTML 16Page - Texas Instruments LMP91051 Datasheet HTML 17Page - Texas Instruments LMP91051 Datasheet HTML 18Page - Texas Instruments LMP91051 Datasheet HTML 19Page - Texas Instruments LMP91051 Datasheet HTML 20Page - Texas Instruments LMP91051 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Write cmd
(sdio_mod
e_en reg)
Write data
(0xFE first
byte of
sdio_mode
_en reg)
Write
data
(0xED)
Read cmd (to
read contents of
any register
specified by the
address bits)
SDI
SDO
Read data
Write cmd
(sdio_mode
_en reg)
Bus turnaround time = half cycle
CSB
Sequence of transactions for unlocking SDIO_MODE
Note:
1. Once the SDIO_mode is unlocked. The user can read as many registers as long as nothing
else is written to sdio_mode_en register to disturb the state of SDIO_mode
2. The separate signals SDI and SDO are given in the figure for the sake of understanding.
However, only one signal SDIO exists in the design
LMP91051
www.ti.com
SNAS581A – MARCH 2012 – REVISED NOVEMBER 2012
Figure 12. Read Transaction
Figure 13. Enable SDIO Mode for reading SPI registers
Registers Organization
Configuring the device is achieved using ‘Write’ of the designated registers in the device. All the registers are
organized into individually addressable byte-long registers that have a unique address. The format of the Write/
Read instruction is as shown below.
Table 4. Write / Read Instruction Format
Bit[7]
Bit[6:4](1)
Bit[3:0]
0 : Write Instruction
Reserved to 0
Address
1 : Read Instruction
(1)
Specifying any value other than zero in Bit[6:4] is prohibited.
REGISTERS
This section describes the programmable registers and the associated programming sequence, if any, for the
device. The following table shows the summary listing of all the registers that are available to the user and their
power-up values.
Copyright © 2012, Texas Instruments Incorporated
17
Product Folder Links: LMP91051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com