Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91051MT/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91051MT/NOPB
Description  Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP91051MT/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP91051MT/NOPB Datasheet HTML 5Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 6Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 7Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 9Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 10Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 11Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 12Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LMP91051
www.ti.com
SNAS581A – MARCH 2012 – REVISED NOVEMBER 2012
Timing Characteristics
(1)
The following specifications apply for VDD = 3.3V, VIO = 3.3V, VCM = 1.15V, CL = 15pF, Bold values for TA = -40°C to
+85°C unless otherwise specified. All other limits apply to TA = TJ = +25°C.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(2)
(3)
(2)
tWU
Wake up time
1
ms
fSCLK
Serial Clock Frequency
10
MHz
tPH
SCLK Pulse Width High
0.4/fSCLK
ns
tPL
SCLK Pulse Width Low
0.4/fSCLK
ns
tCSS
CSB Setup Time
10
ns
tCSH
CSB Hold Time
10
ns
SDI Setup Time prior to rise
tSU
10
ns
edge of SCLK
SDI Hold Time prior to rise
tSH
10
ns
edge of SCLK
SDO Disable Time after rise
tDOD1
45
ns
edge of CSB
SDO Disable Time after 16th
tDOD2
45
ns
rise edge of SCLK
SDO Enable Time from the fall
tDOE
35
ns
edge of 8th SCLK
SDO Access Time after the fall
tDOA
35
ns
edge of SCLK
SDO hold time after the fall
tDOH
5
ns
edge of SCLK
tDOR
SDO Rise time
5
ns
tDOF
SDO Fall time
5
ns
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No guarantee of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. Absolute Maximum Ratings indicate junction temperature limits beyond which the
device may be permanently degraded, either mechanically or electrically.
(2)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlations using
statistical quality control (SQC) method.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on
shipped production material.
Copyright © 2012, Texas Instruments Incorporated
9
Product Folder Links: LMP91051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com