Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP91051MT/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMP91051MT/NOPB
Description  Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP91051MT/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP91051MT/NOPB Datasheet HTML 11Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 12Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 13Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 14Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 15Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 16Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 17Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 18Page - Texas Instruments LMP91051MT/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
10 PF
160 k:
160 k:
6.8 nF
CMOUT
A0
A1
LMP91051
www.ti.com
SNAS581A – MARCH 2012 – REVISED NOVEMBER 2012
Table 2. Gain Modes
Bit Symbol
Gain
0: 250 (default)
GAIN1
1: 42
00: 4 (default)
01: 8
GAIN2 [1:0]
10: 16
11: 32
EXTERNAL FILTER
The LMP91051 offers two different measurement modes selectable through EXT_FILT bit. EXT_FILT bit is
present in the Device configuration register and is programmable through SPI.
Table 3. Measurement Modes
Bit Symbol
Measurement Mode
EXT_FILT
0: The signal from the thermopile is being processed by the internal PGAs, without
additional external decoupling or filtering (default).
1: The signal from the thermopile is being processed by the first internal PGA and fed to the A0
pin. An external low pass, high pass or band pass filter can be connected through pins A0, A1.
An external filter can be applied when EXT_FILT = 1. A typical band pass filter is shown in the picture below.
Resistor and capacitor can be connected to the CMOUT pin of the LMP91051 as shown. Discrete component
values have been added for reference.
Figure 10. Typical Bandpass Filter
OFFSET ADJUST
Procedure of the offset adjust is to first measure the “dark signal”, program the DAC to adjust, and then measure
in a second cycle the residual of the dark signal for further signal manipulation within the µC. The signal source
is expected to have an offset component (dark signal) larger than the actual signal. During the “dark phase”, the
time when no light is detected by the sensor, the µC can program LMP91051 internal DAC to compensate for a
measured offset. A low output offset voltage temperature drift (TCVOS) ensures system accuracy over
temperature.
COMMON MODE GENERATION
As the sensor's offset is bipolar, there is a need to supply a VCM to the sensor. This can be programmed as
1.15V or 2.59V (approximately mid rail of 3.3V or 5V supply). It is not recommended to use 2.59V VCM with 3.3V
supply
SPI INTERFACE
An SPI interface is available in order to program the device parameters like PGA gain of two stages, enabling
external filter, enabling power for PGAs, offset adjust and common mode (VCM) voltage.
Interface Pins
The Serial Interface consists of SDIO (Serial Data Input / Output), SCLK (Serial Interface Clock) and CSB (Chip
Select Bar). The serial interface is write-only by default. Read operations are supported after enabling the SDIO
mode by programming the SDIO_MODE_EN register. This is discussed in detail later in the document.
Copyright © 2012, Texas Instruments Incorporated
15
Product Folder Links: LMP91051



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com