Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8481MM-S/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481MM-S/NOPB
Description  Precision 76V High-Side Current Sense Amplifiers with Voltage Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8481MM-S/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP8481MM-S/NOPB Datasheet HTML 6Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 7Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 8Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 9Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 10Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 11Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 12Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 13Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
.01
.1
1
10
.001
.01
.1
1
10
SOURCING CURRENT (mA)
VCC= 12V
-40°C
+25°C
+85°C
+125°C
.01
.1
1
10
.001
.01
.1
1
10
SINKING CURRENT (mA)
VCC= 12V
-40°C
+25°C
+85°C
+125°C
.01
.1
1
10
.001
.01
.1
1
10
SINKING CURRENT (mA)
VCC= 5V
-40°C
+25°C
+85°C
+125°C
.01
.1
1
10
.001
.01
.1
1
10
SOURCING CURRENT (mA)
VCC= 5V
-40°C
+25°C
+85°C
+125°C
LMP8480, LMP8481
SNVS829A – JUNE 2012 – REVISED AUGUST 2012
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, VCC= 4.5V to 76V, 4.5V < VCM < 76V, RL= 100k, VSENSE = (VR
SP – V
RSN) = 0V, for all
gain options.
Saturated Output Sourcing Current at 4.5V
Saturated Output Sinking Current at 4.5V
Saturated Output Sourcing Current at 12V
Saturated Output Current Sinking at 12V
Application Information
LMP8480 AND LMP8481 INTRODUCTION
The LMP8480 and LMP8481 are single supply, high side current sense amplifiers with available fixed gains of
x20, x50, x60 and x100. The power supply range is 4.5V to 76V, while the common mode input voltage range is
capable of 4.0V to 76V operation. The supply voltage and common mode range are completely independent of
each other. This makes the LMP848x supply voltage extremely flexible, as the LMP848x's supply voltage can be
greater than, equal to, or less than the load source voltage, and allowing the device to be powered from the
system supply or the load supply voltage.
The amplifier supply voltage does not have to be larger than the load source voltage. A 76V load source voltage
with a 5V LMP8481 supply voltage is perfectly acceptable.
THEORY OF OPERATION
The LMP8480 and LMP8481 are comprised of two main stages. The first stage is a differential input current to
voltage converter, followed by a differential voltage amplifier and level-shifting output stage. Also present is an
internal 14 Volt Low Dropout Regulator (LDO) to power the amplifiers and output stage, as well as a reference
divider resistor string to allow the setting of the reference level.
As seen in Figure 7, the current flowing through RSENSE develops a voltage drop called VSENSE. The voltage
across the sense resistor, VSENSE, is then applied to the input RSP and RSN pins of the amplifier.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LMP8480 LMP8481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com