Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8481MM-S/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8481MM-S/NOPB
Description  Precision 76V High-Side Current Sense Amplifiers with Voltage Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8481MM-S/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMP8481MM-S/NOPB Datasheet HTML 1Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 2Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 3Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 4Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 5Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 6Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 7Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 8Page - Texas Instruments LMP8481MM-S/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LMP8480, LMP8481
www.ti.com
SNVS829A – JUNE 2012 – REVISED AUGUST 2012
LMP8480 / LMP8481 Precision 76V High-Side Current Sense Amplifiers with Voltage
Output
Check for Samples: LMP8480, LMP8481
1
FEATURES
•
Temperature Range -40 to +125°C
•
MSOP-8 or LLP-8 Packages
2
•
Typical values, TA = 25°C
•
Bi-Directional or Uni-Directional Sensing
APPLICATIONS
•
Common Mode Voltage Range 4.0V to 76V
•
High-side current sense
•
Supply Voltage Range 4.5V to 76V
•
Vehicle current measurement
•
Fixed Gains 20, 50, 60 and 100 V/V
•
Telecommunications
•
Gain Accuracy ±0.1%
•
Motor controls
•
Offset ±80µV
•
Laser or LED Drivers
•
Bandwidth (-3dB) 270KHz
•
Energy Management
•
Quiescent Current <100µA
•
Solar Panel Monitoring
•
Buffered High-Current Output >5mA
•
Input Bias Current 7µA
•
PSRR (DC) 122dB
•
CMRR (DC) 124dB
DESCRIPTION
The LMP8480 and LMP8481 are precision high-side current sense amplifiers that amplify a small differential
voltage developed across a current sense resistor in the presence of high input common-mode voltages.
These amplifiers are designed for bidirectional (LMP8481) or unidirectional (LMP8480) current applications and
will accept input signals with common-mode voltage range from 4V to 76V with a bandwidth of 270 kHz.
Since the operating power supply range overlaps the input common mode voltage range, the LMP848x can be
powered by the same voltage that is being monitored. This benefit eliminates the need for an intermediate supply
voltage to be routed to the point of load where the current is being monitored, resulting in reduced component
count and board space.
The LMP848x family consists of fixed gains of 20, 50, 60 and 100 for applications that demand high accuracy
over temperature. The low input offset voltage allows the use of smaller sense resistors without sacrificing
system error.
The wide operating temperature range of -40C to 125C makes the LMP848x an ideal choice for automotive,
telecommunications, industrial, and consumer applications.
The LMP8480 and LMP8481 are pin for pin replacements for the MAX4080 and MAX4081, offering improved
offset voltage, wider reference adjust range and higher output drive capabilities.
The LMP8480 and LMP8481 are available in a 8-pin MSOP package and the LMP8481 is also available in a
8–pad LLP.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP8481MM-S/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8481MM-S/NOPB TI1-LMP8481MM-S/NOPB Datasheet
3Mb / 29P
High-Side Current Sense Amplifiers With Voltage Output
More results

Similar Description - LMP8481MM-S/NOPB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080_08 Datasheet
398Kb / 16P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080_10 Datasheet
320Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
logo
Texas Instruments
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI-LMP8480_15 Datasheet
2Mb / 29P
LMP848x Precision 76-V High-Side Current Sense Amplifiers With Voltage Output
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
High-Side Current Sense Amplifiers With Voltage Output
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com