Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA313IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA313IDBVT
Description  1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA313IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA313IDBVT Datasheet HTML 1Page - Texas Instruments OPA313IDBVT Datasheet HTML 2Page - Texas Instruments OPA313IDBVT Datasheet HTML 3Page - Texas Instruments OPA313IDBVT Datasheet HTML 4Page - Texas Instruments OPA313IDBVT Datasheet HTML 5Page - Texas Instruments OPA313IDBVT Datasheet HTML 6Page - Texas Instruments OPA313IDBVT Datasheet HTML 7Page - Texas Instruments OPA313IDBVT Datasheet HTML 8Page - Texas Instruments OPA313IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
OPA313
OPA2313
OPA4313
www.ti.com
SBOS649C – SEPTEMBER 2012 – REVISED MARCH 2013
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS
OPERATIONAL AMPLIFIER
Precision Value Line Series
Check for Samples: OPA313, OPA2313, OPA4313
1
FEATURES
DESCRIPTION
The OPA313 family of single-, dual-, and quad-
2
•
Low IQ: 50 µA/ch
channel op amps represents a new generation of low-
•
Wide Supply Range: 1.8 V to 5.5 V
cost,
general
purpose,
micro-power
operational
•
Low Noise: 25 nV/
√Hz at 1 kHz
amplifiers. Featuring rail-to-rail input and output
swings, and low quiescent current (50
μA, typ)
•
Gain Bandwidth: 1 MHz
combined with a wide bandwidth of 1 MHz and very
•
Low Input Bias Current: 0.2 pA
low noise (25 nV/
√Hz at 1 kHz) makes this family
•
Low Offset Voltage: 0.5 mV
very attractive for a variety of battery-powered
applications that require a good balance between
•
Unity-Gain Stable
cost and performance. The low input bias current
•
Internal RF/EMI Filter
supports those op amps to be used in applications
•
Extended Temperature Range:
with megaohm source impedances.
–40°C to +125°C
The robust design of the OPA313 devices provides
ease-of-use to the circuit designer: unity-gain stability
APPLICATIONS
with capacitive loads of up to 150 pF, integrated
•
Battery-Powered Instruments:
RF/EMI rejection filter, no phase reversal in overdrive
conditions, and high electrostatic discharge (ESD)
–
Consumer, Industrial, Medical
protection (4-kV HBM).
–
Notebooks, Portable Media Players
These devices are optimized for operation at voltages
•
Sensor Signal Conditioning:
as low as +1.8 V (±0.9 V) and up to +5.5 V (±2.75 V),
–
Loop-Powered
and are specified over the extended temperature
–
Notebooks, Portable Media Players
range of –40°C to +125°C.
•
Wireless Sensors:
The OPA313 (single) is available in both SC70-5 and
–
Home Security
SOT23-5 packages. The OPA2313 (dual) is offered in
SO-8, MSOP-8, and DFN-8 packages. The quad-
–
Remote Sensing
channel OPA4313 is offered in a TSSOP-14 package.
–
Wireless Metering
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA313IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA313IDBVT TI2-OPA313IDBVT Datasheet
3Mb / 46P
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER Precision Value Line Series
REVISED MARCH 2013
OPA313IDBVT.A TI2-OPA313IDBVT.A Datasheet
3Mb / 46P
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER Precision Value Line Series
REVISED MARCH 2013
More results

Similar Description - OPA313IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4314AIPWR TI1-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4314AIPWR TI-OPA4314AIPWR Datasheet
1Mb / 36P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4313 TI1-OPA4313 Datasheet
2Mb / 38P
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
OPA316 TI-OPA316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA313 TI-OPA313_15 Datasheet
2Mb / 38P
1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER Precision Value Line Series
OPA2314-Q1 TI1-OPA2314-Q1 Datasheet
1Mb / 28P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA314-Q1 TI1-OPA314-Q1 Datasheet
1Mb / 38P
3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com