Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA313IDBVT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA313IDBVT
Description  1-MHz, Micro-Power, Low-Noise, RRIO,1.8-V CMOS OPERATIONAL AMPLIFIER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA313IDBVT Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA313IDBVT Datasheet HTML 11Page - Texas Instruments OPA313IDBVT Datasheet HTML 12Page - Texas Instruments OPA313IDBVT Datasheet HTML 13Page - Texas Instruments OPA313IDBVT Datasheet HTML 14Page - Texas Instruments OPA313IDBVT Datasheet HTML 15Page - Texas Instruments OPA313IDBVT Datasheet HTML 16Page - Texas Instruments OPA313IDBVT Datasheet HTML 17Page - Texas Instruments OPA313IDBVT Datasheet HTML 18Page - Texas Instruments OPA313IDBVT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
0
20
40
60
80
100
120
10
100
1000
10000
Frequency (MHz)
C033
P
RF = -10 dBm
V
SUPPLY = 5 V
V
CM = 2.5 V
0.0001
0.001
0.01
0.1
0.01
0.1
1
10
Output Amplitude (V
RMS)
C031
R
L = 2 k
R
L = 10 k
V
S = 5.5 V
f = 1 kHz
BW = 80 kHz
G = -1 V/V
0.0001
0.001
0.01
0.1
10
100
1k
10k
100k
Frequency (Hz)
C032
R
L = 10 k
R
L = 2 k
V
S = 5.5 V
V
OUT= 0.5 VRMS
BW = 80 kHz
G = +1 V/V
OPA313
OPA2313
OPA4313
www.ti.com
SBOS649C – SEPTEMBER 2012 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25 °C, VS = 5 V, RL = 10 kΩ connected to VS / 2, and VCM = VOUT = VS / 2, unless otherwise noted.
Figure 31. THD+N vs OUTPUT AMPLITUDE
Figure 32. THD+N vs FREQUENCY
(Maximum Supply)
Figure 33. EMIRR IN+ vs FREQUENCY
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: OPA313 OPA2313 OPA4313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com