Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5548 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 68Page - Texas Instruments TAS5548 Datasheet HTML 69Page - Texas Instruments TAS5548 Datasheet HTML 70Page - Texas Instruments TAS5548 Datasheet HTML 71Page - Texas Instruments TAS5548 Datasheet HTML 72Page - Texas Instruments TAS5548 Datasheet HTML 73Page - Texas Instruments TAS5548 Datasheet HTML 74Page - Texas Instruments TAS5548 Datasheet HTML 75Page - Texas Instruments TAS5548 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 120 page
background image
TAS5548
SLES270 – NOVEMBER 2012
www.ti.com
TOTAL
I2C
REGISTER FIELDS
DESCRIPTION OF CONTENTS
DEFAULT STATE (hex)
BYTES
SUBADDRESS
Energy Manager Averaging
sat_channels_alpha[31:0],
0000 0000
coefficients(Two 28 bit
sat_channels_1-alpha[31:0]
0000 0000
0xB2
16
coefficients for satellite and
sub_channel_alpha[31:0],
0000 0000
sub-woofer)
sub_channels_1-alpha[31:0]
0000 0000
4
Energy Manager Weighting
0xB3
co-efficients(28-bit
5.23 format
0000 0000
coefficient for channel1)
4
Energy Manager Weighting
0xB4
co-efficients(28-bit
5.23 format
0000 0000
coefficient for channel2)
4
Energy Manager Weighting
0xB5
co-efficients(28-bit
5.23 format
0000 0000
coefficient for channel3)
4
Energy Manager Weighting
0xB6
co-efficients(28-bit
5.23 format
0000 0000
coefficient for channel4)
4
Energy Manager Weighting
0xB7
co-efficients(28-bit
5.23 format
0000 0000
coefficient for channel5)
4
Energy Manager Weighting
0xB8
co-efficients(28-bit
5.23 format
0000 0000
coefficient for channel6)
4
Energy Manager Weighting
0xB9
co-efficients(28-bit
5.23 format
0000 0000
coefficient for channel7)
4
Energy Manager 2
Weighting co-efficient(28-bit
0xBA
5.23 format
0000 0000
coefficient for channel8 -
Sub)
4
Energy Manager high
0xBB
5.23 format
0000 0000
threshold for satellite
4
Energy Manager low
0xBC
5.23 format
0000 0000
threshold for satellite
4
Energy Manager high
0xBD
5.23 format
0000 0000
threshold for sub-woofer
4
Energy Manager low
0xBE
5.23 format
0000 0000
threshold for sub-woofer
0xBF–0xC2
4
Reserved
Do not Read or Write
RESERVED
0xC3
4
ASRC Status
Read Only Status of both SRC banks
1105 0001
(Lock, Mute, Error etc)
0xC4
4
ASRC Control
Mode Control, ASRC Control Link,
0001 0055
Mute, Bypass, Dither etc
0xC5
4
ASRC Mode Control
ASRC Pin, Rate
0000 0000
0xC6
4
Reserved
Do not Read or Write
0000 0000
0xC7
8
Reserved
Do not Read or Write
0000 0000 0000 0000
0xC8
4
Reserved
Do not Read or Write
0000 0000
0xC9
4
Reserved
Do not Read or Write
0000 0000
0xCA
8
Reserved
Do not Read or Write
0000 0000 0000 0000
0xCB
4
Reserved
Do not Read or Write
0000 0000
0xCC
4
Auto Mute Behaviour
See
TBD
0xCD
4
Reserved
Do not Read or Write
RESERVED
0xCF
20
PSVC Volume biquad
PSVC Volume biquad
80 2nd Byte – Other 00
Volume, treble, and bass
0xD0
4
Gain Adjust Rate
0000 013F
slew rates register
0xD1
4
Ch1 volume
Ch1 volume
0000 0048
0xD2
4
Ch2 volume
Ch2 volume
0000 0048
0xD3
4
Ch3 volume
Ch3 volume
0000 0048
0xD4
4
Ch4 volume
Ch4 volume
0000 0048
0xD5
4
Ch5 volume
Ch5 volume
0000 0048
0xD6
4
Ch6 volume
Ch6 volume
0000 0048
0xD7
4
Ch7 volume
Ch7 volume
0000 0048
72
Copyright © 2012, Texas Instruments Incorporated
Serial-Control I2C Register Summary
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com