Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5548 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5548
Description  8-Channel HD Compatible Audio Processor with ASRC and PWM Output
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5548 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS5548 Datasheet HTML 17Page - Texas Instruments TAS5548 Datasheet HTML 18Page - Texas Instruments TAS5548 Datasheet HTML 19Page - Texas Instruments TAS5548 Datasheet HTML 20Page - Texas Instruments TAS5548 Datasheet HTML 21Page - Texas Instruments TAS5548 Datasheet HTML 22Page - Texas Instruments TAS5548 Datasheet HTML 23Page - Texas Instruments TAS5548 Datasheet HTML 24Page - Texas Instruments TAS5548 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 120 page
background image
28
32
60
32
b
0
28
32
60
b
1
S
28
32
60
b
2
60
28
60
32
a
1
28
60
32
a
2
M0012-01
z
–1
z
–1
Magnitude
Truncation
z
–1
z
–1
GainCoefficient
32
SDIN1-L
28
60
GainCoefficient
32
28
60
SUM
GainCoefficient
32
28
60
M0011-01
SDIN1-R
SDIN4-R
TAS5548
www.ti.com
SLES270 – NOVEMBER 2012
Figure 3-11. Input Crossbar Mixer
3.4
Biquad Filters
For 32-kHz to 96-kHz data, the TAS5548 provides 56 biquads across the eight channels (seven per
channel).
For 176.4-kHz and 192-kHz data, the TAS5548 has 32 biquads across the three channels (seven per
channel).
The direct form I structure provides a separate delay element and mixer (gain coefficient) for each node in
the biquad filter. Each mixer output is a signed 60-bit product of a signed 32-bit data sample (9.23 format
number) and a signed 28-bit coefficient (5.23 format number), as shown in Figure 3-12. The 60-bit ALU in
the TAS5548 allows the 60-bit resolution to be retained when summing the mixer outputs (filter products).
All of the biquad filters are second-order direct form I structure.
The five 28-bit coefficients for the each of the 56 biquads are programmable via the I2C interface. See
Table 3-1.
Figure 3-12. Biquad Filter Structure
Copyright © 2012, Texas Instruments Incorporated
TAS5548 DAP Architecture
21
Submit Documentation Feedback
Product Folder Links: TAS5548



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com