Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4532IPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532IPWR
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532IPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS4532IPWR Datasheet HTML 8Page - Texas Instruments THS4532IPWR Datasheet HTML 9Page - Texas Instruments THS4532IPWR Datasheet HTML 10Page - Texas Instruments THS4532IPWR Datasheet HTML 11Page - Texas Instruments THS4532IPWR Datasheet HTML 12Page - Texas Instruments THS4532IPWR Datasheet HTML 13Page - Texas Instruments THS4532IPWR Datasheet HTML 14Page - Texas Instruments THS4532IPWR Datasheet HTML 15Page - Texas Instruments THS4532IPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
−80
−70
−60
−50
−40
−30
−20
−10
0
0
200
400
600
800
1k
1.2k 1.4k 1.6k 1.8k
2k
Load (
Ω)
Second Harmonic
Third Harmonic
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
VOUT = 2 Vpp
f = 1 MHz
G010
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0.5
1
1.5
2
VOCM (V)
Second Harmonic
Third Harmonic
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
RL = 2 kΩ
VOUT = 2 Vpp
f = 1 MHz
G011
−80
−70
−60
−50
−40
−30
−20
−10
1
2
3
4
VOUT (Vpp)
Second Harmonic
Third Harmonic
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
RL = 2 kΩ
f = 1 MHz
G008
−80
−75
−70
−65
−60
−55
−50
−45
−40
0
2
4
6
8
10
Gain (V/V)
Second Harmonic
Third Harmonic
VS = 2.7 V
RF = 2 kΩ
RL = 2 kΩ
VOUT = 2 Vpp
f = 1 MHz
G009
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
0
5k
10k
15k
20k
24k
Frequency (Hz)
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
RL = 100 kΩ
VOUT = 4 Vpp
G006
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
1k
10k
100k
1M
10M
Frequency (Hz)
Second Harmonic
Third Harmonic
VS = 2.7 V
G = 1 V/V
RF = 2 kΩ
RL = 2 kΩ
VOUT = 2 Vpp
G007
THS4532
SLOS829 – FEBRUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS: VS = 2.7V (continued)
Test conditions unless otherwise noted: VS+ = 2.7 V, VS– = 0V, CM = open, VOUT = 2Vpp, RF = 2kΩ, RL = 2kΩ Differential, G =
1V/V, Single-Ended Input, Differential Output, Input and Output Referenced to mid-supply unless otherwise noted.
HARMONIC DISTORTION
vs
10-kHz FFT ON AUDIO ANALYZER
FREQUENCY
Figure 8.
Figure 9.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
OUTPUT VOLTAGE at 1 MHz
GAIN at 1 MHz
Figure 10.
Figure 11.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
LOAD at 1 MHz
VOCM at 1 MHz
Figure 12.
Figure 13.
12
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com