Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4532IPWR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532IPWR
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532IPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS4532IPWR Datasheet HTML 19Page - Texas Instruments THS4532IPWR Datasheet HTML 20Page - Texas Instruments THS4532IPWR Datasheet HTML 21Page - Texas Instruments THS4532IPWR Datasheet HTML 22Page - Texas Instruments THS4532IPWR Datasheet HTML 23Page - Texas Instruments THS4532IPWR Datasheet HTML 24Page - Texas Instruments THS4532IPWR Datasheet HTML 25Page - Texas Instruments THS4532IPWR Datasheet HTML 26Page - Texas Instruments THS4532IPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
VOUT+
RG
RG
VIN±
VIN+
0.22 F
RF
RF
RO
RO
ROT
RIT
RIT
Output to 50-
Test Equipment
Input From 50-
Test Equipment
1:1
No Connection
0.22 F
49.9
VOUT±
Installed to Balance
Amplifier
VS+
THS4532
VS±
+
±
VOCM
0.22 F
PD
THS4532
www.ti.com
SLOS829 – FEBRUARY 2013
APPLICATION INFORMATION
TYPICAL CHARACTERISTICS TEST CIRCUITS
Figure 70 shows the general test circuit built on the EVM that was used for testing the THS4532. For simplicity,
power supply decoupling is not shown – please see layout in the applications section for recommendations.
Depending on the test conditions, component values are changed per Table 2 and Table 3, or as otherwise
noted. Some of the signal generators used are ac coupled 50
Ω sources and a 0.22µF cap and 49.9Ω resistor to
ground are inserted across RIT on the un-driven or alternate input as shown to balance the circuit. Split-power
supply is used to ease the interface to common lab test equipment, but if properly biased, the amplifier can be
operated single-supply as described in the applications section with no impact on performance. For most of the
tests, the devices are tested with single ended input and a transformer on the output to convert the differential
output to single ended because common lab test equipment have single ended inputs and outputs. Performance
is the same or better with differential input and differential output.
Figure 70. General Test Circuit
Table 2. Gain Component Values for Single-Ended Input(1)
GAIN
RF
RG
RIT
1 V/V
2k
Ω
2k
Ω
51.1
Ω
2 V/V
2k
Ω
1k
Ω
52.3
Ω
5 V/V
2k
Ω
392
Ω
53.6
Ω
10 V/V
2k
Ω
187k
Ω
57.6
Ω
(1)
Note components are chosen to achieve gain and 50
Ω input termination. Resistor values shown are closest standard values so gains
are approximate.
Table 3. Load Component Values For 1:1 Differential to Single-Ended Output Transformer(1)
RL
RO
ROT
ATTEN
100
Ω
25
Ω
open
6
200
Ω
86.6
Ω
69.8
Ω
16.8
499
Ω
237
Ω
56.2
Ω
25.5
1k
Ω
487
Ω
52.3
Ω
31.8
2k
Ω
976
Ω
51.1
Ω
37.9
(1)
Note the total load includes 50
Ω termination by the test equipment. Components are chosen to achieve load and 50Ω line termination
through a 1:1 transformer. Resistor values shown are closest standard values so loads are approximate.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links :THS4532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com