Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7320 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS7320
Description  3-Channel ED Filter Video Amplifier with 4-V/V Gain
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7320 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS7320 Datasheet HTML 9Page - Texas Instruments THS7320 Datasheet HTML 10Page - Texas Instruments THS7320 Datasheet HTML 11Page - Texas Instruments THS7320 Datasheet HTML 12Page - Texas Instruments THS7320 Datasheet HTML 13Page - Texas Instruments THS7320 Datasheet HTML 14Page - Texas Instruments THS7320 Datasheet HTML 15Page - Texas Instruments THS7320 Datasheet HTML 16Page - Texas Instruments THS7320 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
−50
−40
−30
−20
−10
0
10
20
1M
10M
100M
1G
Frequency (Hz)
RL = 75 Ω
RL = 150 Ω
RL = Open
VS+ = 3 V
VOUT = 200 mVPP
Input Bias = 0.33 VDC
−60
−50
−40
−30
−20
−10
0
10
20
1 M
10 M
100 M
1 G
Frequency (Hz)
CL = Stray (2 pF)
CL = 6.2 pF
CL = 10 pF
CL =18 pF
VS+ = 3 V
Load = 150
Ω || C
L
VOUT = 200 mVPP
Input Bias = 0.33 VDC
G030
0.06
0.05
0.04
0.03
0.02
0.01
0
2nd
6th
4th
5th
3rd
1st
V
=3V
S+
NTSC
PAL
Step
G020
0.025
0.02
0.015
0.01
0.005
0
2nd
6th
4th
5th
3rd
1st
V
=3V
S+
NTSC
PAL
Step
G012
5
10
15
20
25
30
1 M
10 M
100 M
Frequency (Hz)
VS+ = 3 V
VOUT = 200 mVPP
Input Bias = 0.33 VDC
G005
360
315
270
225
180
135
90
45
0
45
100k
1M
10M
100M
Frequency(Hz)
VS+ =3V
VOUT =200mVPP
InputBias=0.33 VDC
G009
THS7320
www.ti.com
SBOS565B – JULY 2011 – REVISED SEPTEMBER 2012
TYPICAL CHARACTERISTICS: VS+ = 3 V (continued)
At TA = +25°C, load = 150 Ω || 6.2 pF to GND, and dc-coupled input/output, unless otherwise noted.
PHASE vs FREQUENCY
GROUP DELAY vs FREQUENCY
Figure 23.
Figure 24.
DIFFERENTIAL GAIN
DIFFERENTIAL PHASE
Figure 25.
Figure 26.
SMALL-SIGNAL FREQUENCY RESPONSE
SMALL-SIGNAL FREQUENCY RESPONSE
vs CAPACITIVE LOAD
vs RESISTIVE LOAD
Figure 27.
Figure 28.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: THS7320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com