Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7320 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS7320
Description  3-Channel ED Filter Video Amplifier with 4-V/V Gain
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7320 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS7320 Datasheet HTML 17Page - Texas Instruments THS7320 Datasheet HTML 18Page - Texas Instruments THS7320 Datasheet HTML 19Page - Texas Instruments THS7320 Datasheet HTML 20Page - Texas Instruments THS7320 Datasheet HTML 21Page - Texas Instruments THS7320 Datasheet HTML 22Page - Texas Instruments THS7320 Datasheet HTML 23Page - Texas Instruments THS7320 Datasheet HTML 24Page - Texas Instruments THS7320 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
+2.6Vto+5V
Enable
75 W
Out1
Channel1
R
75 W
LPF
3Pole
20MHz
6dB
x2
Level
Shift
Out2
Channel2
R
75 W
75 W
LPF
3Pole
20MHz
6dB
x2
Level
Shift
Channel3
R
Out3
75 W
75 W
LPF
3Pole
20MHz
6dB
x2
Level
Shift
+V
S
External
Input/Output
Pin
Internal
Circuitry
THS7320
www.ti.com
SBOS565B – JULY 2011 – REVISED SEPTEMBER 2012
VIDEO INPUT OVERVOLTAGE PROTECTION
The THS7320 is built using a very high-speed, complementary, bipolar CMOS process. The internal junction
breakdown voltages are relatively low for these very small geometry devices. These breakdowns are reflected in
the Absolute Maximum Ratings table. All input and output device pins are protected with internal electrostatic
discharge (ESD) protection diodes to the power supplies, as shown in Figure 55.
These diodes provide moderate protection to input overdrive voltages above and below the supplies as well. The
protection diodes can typically support 30 mA of continuous current when overdriven.
Figure 55. Internal ESD Protection For Video Section
TYPICAL VIDEO CONFIGURATION AND VIDEO TERMINOLOGY
A typical application circuit using the THS7320 as a video buffer is shown in Figure 56. It shows a DAC or
encoder dc-coupled to the input channels of the THS7320 and the output of the THS7320 dc-coupled to the
video line. These signals can be NTSC, PAL, or SECAM signals including composite video baseband signal
(CVBS), S-Video Y'C', component Y'P'BP'R video, broadcast G'B'R' video, or computer R'G'B' video signals.
Figure 56. Typical THS7320 Video Section with DC-Coupled Encoder/DAC and DC-Coupled Line Driving
Note that the Y’ term is used for the luma channels throughout this document rather than the more common
luminance (Y) term. This usage accounts for the definition of luminance as stipulated by the International
Commission on Illumination (CIE). Video departs from true luminance because a nonlinear term, gamma, is
added to the true RGB signals to form R’G’B’ signals. These R’G’B’ signals are then used to mathematically
create luma (Y’). Thus, luminance (Y) is not maintained, providing a difference in terminology.
This rationale is also used for the chroma (C’) term. Chroma is derived from the nonlinear R’G’B’ terms and,
thus, it is nonlinear. Chrominance (C) is derived from linear RGB, giving the difference between chroma (C’) and
chrominance (C). The color difference signals (P’B/P’R/U’/V’) are also referenced in this manner to denote the
nonlinear (gamma corrected) signals.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: THS7320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com