Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD5S115YFFR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPD5S115YFFR
Description  HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD5S115YFFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPD5S115YFFR Datasheet HTML 9Page - Texas Instruments TPD5S115YFFR Datasheet HTML 10Page - Texas Instruments TPD5S115YFFR Datasheet HTML 11Page - Texas Instruments TPD5S115YFFR Datasheet HTML 12Page - Texas Instruments TPD5S115YFFR Datasheet HTML 13Page - Texas Instruments TPD5S115YFFR Datasheet HTML 14Page - Texas Instruments TPD5S115YFFR Datasheet HTML 15Page - Texas Instruments TPD5S115YFFR Datasheet HTML 16Page - Texas Instruments TPD5S115YFFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
100
150
200
250
300
350
400
450
500
Output Current (mA)
VBAT = 3V
VBAT = 4V
C005
4.80
4.84
4.88
4.92
4.96
5.00
5.04
5.08
5.12
5.16
2.3
2.6
2.9
3.2
3.5
3.8
4.1
4.4
4.7
5.0
5.3
V
BAT Input Voltage (V)
Iout = 65mA
Iout = 100mA
C006
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
5.4
5.5
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
0
2
4
6
8
10
12
14
16
18
20
Time( s)
I5VOUT
V5VOUT
C003
4.80
4.82
4.84
4.86
4.88
4.90
4.92
4.94
4.96
4.98
5.00
5.02
5.04
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
0
500 1000 1500 2000 2500 3000 3500 4000 4500 5000
Time ( s)
VBAT
5VOUT (20mA)
5VOUT (65mA)
C004
±1
0
1
2
3
4
5
6
0
500
1000
1500
2000
2500
3000
3500
4000
Time ( s)
EN
5VOUT @ 55mA
5VOUT @ 65mA
C001
V
CCA = VIH = 2.5V, VBAT = 3.6V
±1
0
1
2
3
4
5
6
±50
0
50
100
150
200
250
300
Time ( s)
EN
5VOUT @ 55mA
5VOUT @ 65mA
C002
V
CCA = VIH = 2.5V, VBAT = 3.6V
TPD5S115
www.ti.com
SLVSBL2B – OCTOBER 2012 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS
VOLTAGE
VOLTAGE
vs
vs
TIME
TIME
Figure 3.
Figure 4.
CURRENT
VOLTAGE
vs
vs
TIME
TIME
Figure 5.
Figure 6.
FREQUENCY
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
INPUT VOLTAGE
Figure 7.
Figure 8.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPD5S115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com