Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPD5S115YFFR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD5S115YFFR
Description  HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD5S115YFFR Datasheet(HTML) 2 Page - Texas Instruments

  TPD5S115YFFR Datasheet HTML 1Page - Texas Instruments TPD5S115YFFR Datasheet HTML 2Page - Texas Instruments TPD5S115YFFR Datasheet HTML 3Page - Texas Instruments TPD5S115YFFR Datasheet HTML 4Page - Texas Instruments TPD5S115YFFR Datasheet HTML 5Page - Texas Instruments TPD5S115YFFR Datasheet HTML 6Page - Texas Instruments TPD5S115YFFR Datasheet HTML 7Page - Texas Instruments TPD5S115YFFR Datasheet HTML 8Page - Texas Instruments TPD5S115YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPD4E05U06
TPD4E05U06
TPD5S115
SLVSBL2B – OCTOBER 2012 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART
TOP-SIDE
NUMBER
MARKING
–40°C to 85°C
YFF
Tape and reel
TPD5S115YFFR
RE115
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
SYSTEM LEVEL BLOCK DIAGRAM
Figure 1. Application Schematics for HDMI Controllers with one GPIO for HDMI Interface Control
Some HDMI controllers may have only one GPIO to control the HDMI interface. Refer to Figure 1, HDMI Driver
Chip is controlling the TPD5S115 via only one control line (EN). In this mode the HPD_A to LS_OE pin are
connected shown in the above oval dotted line.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPD5S115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com