Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSQ02003 Datasheet(PDF) 4 Page - DB Lectro Inc

Part # MSQ02003
Description  Caract챕ristiques fonctionnelles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSQ02003 Datasheet(HTML) 4 Page - DB Lectro Inc

  MSQ02003 Datasheet HTML 1Page - DB Lectro Inc MSQ02003 Datasheet HTML 2Page - DB Lectro Inc MSQ02003 Datasheet HTML 3Page - DB Lectro Inc MSQ02003 Datasheet HTML 4Page - DB Lectro Inc MSQ02003 Datasheet HTML 5Page - DB Lectro Inc MSQ02003 Datasheet HTML 6Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MSQ
MSQ__096
90° Modular, Top Entry
10.16 mm / .400” Pitch
Weight per pole: 2.51 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSQ01096
350
0,88
2000
5,02
02
MSQ02096
225
1,13
1250
6,28
03
MSQ03096
125
0,94
750
5,65
04
MSQ04096
100
1,00
500
5,02
05
MSQ05096
75
0,94
500
6,28
06
MSQ06096
75
1,13
500
7,53
07
MSQ07096
50
0,88
250
4,39
08
MSQ08096
50
1,00
250
5,02
09
MSQ09096
50
1,13
250
5,65
10
MSQ10096
25
0,63
250
6,28
11
MSQ11096
25
0,69
250
6,90
12
MSQ12096
25
0,75
250
7,53
13
MSQ13096
25
0,82
250
8,16
MSQ__092
90° Modular, Top Entry
10 mm / .394” Pitch
Weight per pole: 2.51 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
01
MSQ01092
350
0,88
2000
5,02
02
MSQ02092
225
1,13
1250
6,28
03
MSQ03092
125
0,94
750
5,65
04
MSQ04092
100
1,00
500
5,02
05
MSQ05092
75
0,94
500
6,28
06
MSQ06092
75
1,13
500
7,53
07
MSQ07092
50
0,88
250
4,39
08
MSQ08092
50
1,00
250
5,02
09
MSQ09092
50
1,13
250
5,65
10
MSQ10092
25
0,63
250
6,28
11
MSQ11092
25
0,69
250
6,90
12
MSQ12092
25
0,75
250
7,53
13
MSQ13092
25
0,82
250
8,16
MSQ__097
90° Modular, Top Entry
7.62 mm / .300” Pitch
Weight per pole: 2.40 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSQ02097
225
1,08
1250
6,00
03
MSQ03097
150
1,08
750
5,40
MSQ__093
90° Modular, Top Entry
7.5 mm / .295” Pitch
Weight per pole: 2.40 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSQ02093
225
1,08
1250
6,00
03
MSQ03093
150
1,08
750
5,40
04
MSQ04093
100
0,96
500
4,80
MSQ__095
90° Modular, Top Entry
5.08 mm / .200” Pitch
Weight per pole: 2.03 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSQ02095
350
1,42
2000
8,12
03
MSQ03095
225
1,37
1250
7,61
04
MSQ04095
175
1,42
1000
8,12
05
MSQ05095
125
1,27
750
7,61
06
MSQ06095
125
1,52
750
9,14
07
MSQ07095
100
1,42
500
7,11
08
MSQ08095
75
1,22
500
8,12
09
MSQ09095
75
1,37
500
9,14
10
MSQ10095
75
1,52
500
10,15
11
MSQ11095
75
1,67
250
5,58
12
MSQ12095
50
1,22
250
6,09
13
MSQ13095
50
1,32
250
6,60
14
MSQ14095
50
1,42
250
7,11
15
MSQ15095
50
1,52
250
7,61
16
MSQ16095
50
1,62
250
8,12
17
MSQ17095
50
1,73
200
6,90
18
MSQ18095
50
1,83
200
7,31
19
MSQ19095
25
0,96
200
7,71
20
MSQ20095
25
1,02
200
8,12
21
MSQ21095
25
1,07
200
8,53
22
MSQ22095
25
1,12
200
8,93
23
MSQ23095
25
1,17
200
9,34
24
MSQ24095
25
1,22
150
7,31
25
MSQ25095
25
1,27
150
7,61
MSQ__091
90° Modular, Top Entry
5 mm / .197” Pitch
Weight per pole: 2.03 g
Poles
STD Code
Pcs/pack. W [kg]* Pcs/Ind.** W [kg]*
02
MSQ02091
350
1,42
2000
8,12
03
MSQ03091
225
1,37
1250
7,61
04
MSQ04091
175
1,42
1000
8,12
05
MSQ05091
125
1,27
750
7,61
06
MSQ06091
125
1,52
750
9,14
07
MSQ07091
100
1,42
500
7,11
08
MSQ08091
75
1,22
500
8,12
09
MSQ09091
75
1,37
500
9,14
10
MSQ10091
75
1,52
500
10,15
11
MSQ11091
75
1,67
250
5,58
12
MSQ12091
50
1,22
250
6,09
13
MSQ13091
50
1,32
250
6,60
14
MSQ14091
50
1,42
250
7,11
15
MSQ15091
50
1,52
250
7,61
16
MSQ16091
50
1,62
250
8,12
17
MSQ17091
50
1,73
200
6,90
18
MSQ18091
50
1,83
200
7,31
19
MSQ19091
25
0,96
200
7,71
20
MSQ20091
25
1,02
200
8,12
21
MSQ21091
25
1,07
200
8,53
22
MSQ22091
25
1,12
200
8,93
23
MSQ23091
25
1,17
200
9,34
24
MSQ24091
25
1,22
150
7,31
25
MSQ25091
25
1,27
150
7,61
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
Wire entry
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
Modular version, combinable 2 ÷ ∞ poles



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com