Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSQ02003 Datasheet(PDF) 6 Page - DB Lectro Inc

Part # MSQ02003
Description  Caract챕ristiques fonctionnelles
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

MSQ02003 Datasheet(HTML) 6 Page - DB Lectro Inc

  MSQ02003 Datasheet HTML 1Page - DB Lectro Inc MSQ02003 Datasheet HTML 2Page - DB Lectro Inc MSQ02003 Datasheet HTML 3Page - DB Lectro Inc MSQ02003 Datasheet HTML 4Page - DB Lectro Inc MSQ02003 Datasheet HTML 5Page - DB Lectro Inc MSQ02003 Datasheet HTML 6Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MSQ
MSQ__095-000C
Short Circuited 90°, Top Entry
5.08 mm / .200” Pitch
Weight per pole: 2.04 g
Poles
STD Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSQ02095-000C
350
1,43
2000
8,16
03
MSQ03095-000C
225
1,38
1250
7,65
MSQ__005-000C
Short Circuited Straight, Side Entry
5.08 mm / .200” Pitch
Weight per pole: 2.04 g
Poles
STD Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSQ02005-000C
350
1,43
2000
8,16
03
MSQ03005-000C
225
1,38
1250
7,65
MSQ__091-000C
Short Circuited 90°, Top Entry
5 mm / .197” Pitch
Weight per pole: 2.04 g
Poles
STD Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSQ02091-000C
350
1,43
2000
8,16
03
MSQ03091-000C
225
1,38
1250
7,65
MSQ__001-000C
Short Circuited Straight, Side Entry
5 mm / .197” Pitch
Weight per pole: 2.04 g
Poles
STD Code
Pcs/pack.
W [kg]*
Pcs/Ind.**
W [kg]*
02
MSQ02001-000C
350
1,43
2000
8,16
03
MSQ03001-000C
225
1,38
1250
7,65
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
L = Pitch x (poles - 1)
Modular version, combinable 2 ÷ ∞ poles
Wire entry
Wire entry
Wire entry
Wire entry
Short Circuited
Short Circuited



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com